Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-SM-LC-CWDM Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # DTR-SM-LC-CWDM
Description  Single Mode Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-SM-LC-CWDM Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  DTR-SM-LC-CWDM Datasheet HTML 1Page - OPLINK Communications Inc. DTR-SM-LC-CWDM Datasheet HTML 2Page - OPLINK Communications Inc. DTR-SM-LC-CWDM Datasheet HTML 3Page - OPLINK Communications Inc. DTR-SM-LC-CWDM Datasheet HTML 4Page - OPLINK Communications Inc. DTR-SM-LC-CWDM Datasheet HTML 5Page - OPLINK Communications Inc. DTR-SM-LC-CWDM Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
21737-0386, Rev. B
06-12-2003
Transmitter Performance Characteristics (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics (over Operating Case Temperature, V
CC = 3.13 to 3.47V)
OC-3/STM-1 LC Single Mode Transceiver: DTR-156-SM-LC/LS-CWDM
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
-
156
-
Mb/s
Average Optical Output Power
(coupled into single mode fiber),
50% duty cycle
HP
Po
- 3.0
- 1.0
+ 2.0
dBm
L0
- 5.0
- 3.0
0
Extinction Ratio
Phi /Plo
10
-
-
dB
Center Wavelength
1470
λc
1464
1470
1477.5
nm
1490
1484
1490
1497.5
1510
1504
1510
1517.5
1530
1524
1530
1537.5
1550
1544
1550
1557.5
1570
1564
1570
1577.5
1590
1584
1590
1597.5
1610
1604
1610
1617.5
Spectral Width (-20dB)
∆λ20
--
1
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Rise and Fall Time (10% to 90%)
tr, tf
-1
2
ns
Optical Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU-T Recommendation G.957
1Data rate ranges from 50Mb/s to 300Mb/s. However, some degradation may be incurred in overall performance.
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
-
156
-
Mb/s
Receiver Sensitivity (10-10 BER)2
Pmin
- 34.0
- 37.0
-
dBm
Maximum Input Optical Power (10-10 BER)2
Pmax
- 7.0
0
-
dBm
Signal Detect
Thresholds
Increasing Light Input
Psd+
-
-
- 34.0
dBm
Decreasing Light Input
Psd-
- 45.0
-
-
Signal Detect Hysteresis
-
1.0
-
-
dB
Signal Detect Timing
Delay
Increasing Light Input
tsd+
-
-
100
µs
Decreasing Light Input
tsd-
-
-
100
Wavelength of Operation
λ
1100
-
1620
nm
1Data rate ranges from 50Mb/s to 266Mb/s. However, some degradation may be incurred in overall performance.
2measured with 223-1 PRBS. The Receiver Sensitivity is specified at 156Mb/s with a minimum eye opening of 1.3ns.
Optical Communication Products, Inc.
DATE OF MANUFACTURE:
MANUFACTURED IN THE USA
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-825 standards. They must be operated
under specified operating conditions.


Similar Part No. - DTR-SM-LC-CWDM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-SM2-LS-CWDM OPLINK-DTR-SM2-LS-CWDM Datasheet
187Kb / 6P
   Single Mode Transceivers
More results

Similar Description - DTR-SM-LC-CWDM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-SM2-LS-CWDM OPLINK-DTR-SM2-LS-CWDM Datasheet
187Kb / 6P
   Single Mode Transceivers
DTR-1250-SM-FC-YN OPLINK-DTR-1250-SM-FC-YN Datasheet
281Kb / 9P
   Single Mode Transceivers
DTR-622-SM-LS-MR OPLINK-DTR-622-SM-LS-MR Datasheet
225Kb / 7P
   Single mode SFF Transceivers
DTR-2488-SM2-LC-W-G-MR OPLINK-DTR-2488-SM2-LC-W-G-MR Datasheet
202Kb / 6P
   2x10 SFF Single Mode Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701XXZ AVAGO-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers
logo
OPLINK Communications I...
DTR-2488-SM2-LC-W-G-CWDM OPLINK-DTR-2488-SM2-LC-W-G-CWDM Datasheet
204Kb / 6P
   SFF Single Mode CWDM Transceivers
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com