Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-SM-GB-H8-HS Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-GB-H8-HS
Description  5V Very Long Haul GBIC Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-GB-H8-HS Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  DTR-1250-SM-GB-H8-HS Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-GB-H8-HS Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
21737-0389, Rev. A
01/09/2004
OCP
DTR-1250-SM-GB-HS
5V Very Long Haul GBIC Transceivers
Features
Up to 120km with Single Mode Fiber
APD Receiver
Compliant with GBIC Specification, Rev. 5.5
Compatible with IEEE 802.3z 1000BASE-LX
Specifications for Gigabit Ethernet
Compatible with Optical Interface Requirements in
Annex F of GBIC Specification, Rev. 5.5
Compliant with GBIC Serial Module Definition
Protocol (Module Definition 4 in Annex D)
Hot-pluggable
Excellent EMI & ESD Protection
Eye Safe (Class I or 1M Laser Safety)
Duplex SC Optical Interface
Single +5V Power Supply
Up to 1250Mb/s Bi-directional Data Links
The DTR-1250-SM-GB-HS product family of GBICs
provides very long haul, single mode solutions for
1000BASE-LX Gigabit Ethernet ports in a networking
switch. OCP offers two optical link power budget options
to support 110km (H7) and 120km (H8) in the networking
infrastructure. Both options use 1550nm DFB lasers and
ultra high sensitivity Avalanche Photodiode (APD) receivers
to provide minimum optical link power budgets of 30dB
and 32dB. They correspond to transmission distances of
110km and 120km, respectively, assuming a total
connector and splice loss of 2dB, total system penalty of
3dB and fiber loss of 0.22dB/km. All transceivers are
Description
Optical Communication Products, Inc.
Absolute Maximum Ratings
Class I Laser products per U.S. FDA/CDRH standards.
The “H7” transceiver is Class I Laser product while the
“H8” transceiver is Class 1M Laser product per international
IEC-825 standards.
The DTR-1250-SM-GB-HS transceivers connect to
standard 20-pad GBIC connectors for hot plug capability.
This allows the system designer to make configuration
changes or maintenance by simply plugging in different
types of GBICs without removing the power supply from
the host system.
The transceivers operate from a single +5V power supply
over an operating case temperature range of -5°C to +70°C.
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
Tst
- 40
+ 85
°C
Operating Case Temperature
Top
- 5
+ 70
°C
Supply Voltage
VDD
0+ 7.0
V
Maximum Input Optical Power (30 seconds max.)
Pin
-+ 3.0
dBm


Similar Part No. - DTR-1250-SM-GB-H8-HS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-H8-HS OPLINK-DTR-1250-SM-GB-H8-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-H8-HS-C490 OPLINK-DTR-1250-SM-GB-H8-HS-C490 Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H8-HS-C510 OPLINK-DTR-1250-SM-GB-H8-HS-C510 Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H8-HS-C530 OPLINK-DTR-1250-SM-GB-H8-HS-C530 Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H8-HS-C550 OPLINK-DTR-1250-SM-GB-H8-HS-C550 Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
More results

Similar Description - DTR-1250-SM-GB-H8-HS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H7-C470-I OPLINK-DTR-1250-SM-GB-H7-C470-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-I OPLINK-DTR-1250-SM-GB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
TRPAG1VXI OPLINK-TRPAG1VXI Datasheet
457Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXAG1VXIBMS OPLINK-TRXAG1VXIBMS Datasheet
129Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com