Electronic Components Datasheet Search |
|
DTR-1250-MM-FC Datasheet(PDF) 3 Page - OPLINK Communications Inc. |
|
DTR-1250-MM-FC Datasheet(HTML) 3 Page - OPLINK Communications Inc. |
3 / 6 page 3 21737-0307, Rev. F 03-24-2003 Transmitter Performance Characteristics (over Operating Temperature, V CC = 4.75 to 5.25V) Receiver Performance Characteristics (over Operating Temperature, V CC = 4.75 to 5.25V) DTR-1250-MM Parameter Symbol Minimum Typical Maximum Units Operating Data Rate 1 B -1250 - Mb/s Optical Output Power 2 Po - 9.5 - 7 - 4 dBm Center Wavelength λc 820 - 860 nm Spectral Width (RMS) ∆λRMS - - 0.85 nm Extinction Ratio Phi / Plo 9- - dB Deterministic Jitter DJ - - 80 ps Random Jitter RJ -- 147 ps Relative Intensity Noise RIN -- - 117 dB/Hz Coupled Power Ratio CPR 9- - dB Transmitter Output Eye compliant with Eye Mask Defined in 802.3z standard 1 Data rate ranges from 125 Mb/s to 1300 Mb/s. However some degradation may be incurred in overall performance. 2 Measured average power coupled into either 50 µm or 62.5 µm multimode fiber (MMF). All parameters guaranteed only at typical data rate All parameters guaranteed only at typical data rate Parameter Symbol Minimum Typical Maximum Units Operating Data Rate 1 B - 1250 - Mb/s Minimum Input Optical Power (10-12 BER) 2 Pmin - 17.0 - - dBm Maximum Input Optical Power (10-12 BER) 2 Pmax - 3.0 - - dBm Signal Detect Thresholds Increasing Light Input Psd+ - - - 17.0 dBm Decreasing Light Input Psd- - 30.0 - - dBm Signal Detect Hysteresis - 0.5 - - dB Deterministic Jitter DJ -- 170 ps Random Jitter RJ - - 96 ps Wavelength of Operation λ 770 - 860 nm Return Loss - 12 - - dB Electrical 3 dB upper cutoff frequency - - - 1500 MHz Stressed Receiver Sensitivity compliant with 802.3z standard 1 Data rate ranges from 125 Mb/s to 1300 Mb/s. However some degradation may be incurred in overall performance. 2 When measured with 27-1 for Fast Ethernet, Gigabit Ethernet, Fiber Channel, FDDI, ESCON and 223-1 for SONET/ATM/SDH data rates (OC3-OC12, OC-24). Laser Safety: All transceivers are Class I Laser products per FDA/CDRH and IEC-825 standards. They must be operated under specified operating conditions. Optical Communication Products, Inc. DATE OF MANUFACTURE: MANUFACTURED IN THE USA This product complies with 21 CFR 1040.10 and 1040.11 Meets Class I Laser Safety Requirements PIN FUNCTION 1RX GND 2 RD+ (RX DATA OUT +) 3 RD- (RX DATA OUT -) 4 SD (RX SIGNAL DETECT) 5VCCRX 6VCCTX 7 TD- (TX DATA IN -) 8 TD+ (TX DATA IN +) 9TX GND Pin Assignments |
Similar Part No. - DTR-1250-MM-FC |
|
Similar Description - DTR-1250-MM-FC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |