Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTR-1250-SM-FC-YN Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # DTR-1250-SM-FC-YN
Description  Single Mode Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

DTR-1250-SM-FC-YN Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  DTR-1250-SM-FC-YN Datasheet HTML 1Page - OPLINK Communications Inc. DTR-1250-SM-FC-YN Datasheet HTML 2Page - OPLINK Communications Inc. DTR-1250-SM-FC-YN Datasheet HTML 3Page - OPLINK Communications Inc. DTR-1250-SM-FC-YN Datasheet HTML 4Page - OPLINK Communications Inc. DTR-1250-SM-FC-YN Datasheet HTML 5Page - OPLINK Communications Inc. DTR-1250-SM-FC-YN Datasheet HTML 6Page - OPLINK Communications Inc. DTR-1250-SM-FC-YN Datasheet HTML 7Page - OPLINK Communications Inc. DTR-1250-SM-FC-YN Datasheet HTML 8Page - OPLINK Communications Inc. DTR-1250-SM-FC-YN Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
21737-0304, Rev. G
05-18-04
1
9
2
3
7
8
6
5
4
+
+
+5V
1 H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TXD+
TXD-
SIGNAL
DETECT
RXD-
RXD+
GND
POSTS
0.1
0.1
10
10
0.1
0.1
130
82
510
82
82
82
130
130
130
Capacitor values in F, Resistor values in
µΩ
1
9
2
3
7
8
6
5
4
+
+
+5V
1H coil or
ferrite inductor
µ
1 H coil or
ferrite inductor
µ
TXD+
TXD-
SIGNAL
DETECT
RXD-
RXD+
GND
POSTS
0.1
0.1
10
10
0.1
0.1
0.01
0.01
190
68
510
68
190
270
270
Capacitor values in F, Resistor values in
µΩ
0.01
0.01
Transmitter Electrical Interface (over Operating Case Temperature, V
CC = 4.75 to 5.25V)
Receiver Electrical Interface (over Operating Case Temperature, V
CC = 4.75 to 5.25V)
Electrical Power Supply Characteristics (over Operating Case Temperature, V
CC = 4.75 to 5.25V)
DTR-1250-SM
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input HIGH Voltage
1
VIH
VCC - 1.165
-
VCC - 0.700
V
Input LOW Voltage
1
VIL
VCC - 1.890
-
VCC - 1.475
V
Data Input Current - HIGH
IH
--
350
µA
Data Input Current - LOW
IL
--
250
µA
1For AC-coupled modules, the input voltage swing is 0.3V minimum and 1.2V maximum.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output HIGH Voltage
1
VOH
VCC - 1.035
-
VCC - 0.700
V
Output LOW Voltage
1
VOL
VCC - 1.950
-
VCC - 1.595
V
Output Current
IO
--
25
mA
1For AC-coupled modules, the output voltage swing into 50Ω load is 0.3V minimum and 1V maximum.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
VCC
4.75
5.0
5.25
V
Supply Current
DC-coupled module
ICC
-160
250
mA
AC-coupled module
ICC
-180
270
mA
Pin Assignments
PIN
FUNCTION
1RX GND
2
RD+ (RX DATA OUT+)
3
RD- (RX DATA OUT-)
4
SD (RX SIGNAL DETECT)
5VCCRX
6VCCTX
7
TD- (TX DATA IN-)
8
TD+ (TX DATA IN+)
9TX GND
DTR-1250-SM
DTR-1250-SM
Fig.2 Interfacing DC-coupled module with 3.3 V SERDES IC
Fig.1 Interfacing DC-coupled module with direct-PECL signals


Similar Part No. - DTR-1250-SM-FC-YN

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-1250-SM-GB-CWDM-I OPLINK-DTR-1250-SM-GB-CWDM-I Datasheet
111Kb / 5P
   5V Long Haul CWDM GBIC Transceivers
DTR-1250-SM-GB-H3-I OPLINK-DTR-1250-SM-GB-H3-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H3-I OPLINK-DTR-1250-SM-GB-H3-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H5-I OPLINK-DTR-1250-SM-GB-H5-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
DTR-1250-SM-GB-H5-I OPLINK-DTR-1250-SM-GB-H5-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
More results

Similar Description - DTR-1250-SM-FC-YN

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
DTR-SM-LC-CWDM OPLINK-DTR-SM-LC-CWDM Datasheet
100Kb / 6P
   Single Mode Transceivers
DTR-SM2-LS-CWDM OPLINK-DTR-SM2-LS-CWDM Datasheet
187Kb / 6P
   Single Mode Transceivers
DTR-622-SM-LS-MR OPLINK-DTR-622-SM-LS-MR Datasheet
225Kb / 7P
   Single mode SFF Transceivers
DTR-2488-SM2-LC-W-G-MR OPLINK-DTR-2488-SM2-LC-W-G-MR Datasheet
202Kb / 6P
   2x10 SFF Single Mode Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701XXZ AVAGO-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers
logo
OPLINK Communications I...
DTR-2488-SM2-LC-W-G-CWDM OPLINK-DTR-2488-SM2-LC-W-G-CWDM Datasheet
204Kb / 6P
   SFF Single Mode CWDM Transceivers
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com