Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5022 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5022
Description  60V Low Side Controller for Boost and SEPIC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5022 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5022 Datasheet HTML 5Page - Texas Instruments LM5022 Datasheet HTML 6Page - Texas Instruments LM5022 Datasheet HTML 7Page - Texas Instruments LM5022 Datasheet HTML 8Page - Texas Instruments LM5022 Datasheet HTML 9Page - Texas Instruments LM5022 Datasheet HTML 10Page - Texas Instruments LM5022 Datasheet HTML 11Page - Texas Instruments LM5022 Datasheet HTML 12Page - Texas Instruments LM5022 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
VIN
FB
COMP
VCC
OUT
RT
UVLO
GND
CS
SS
L1
D1
Q1
C1
C2
R1
CF
CSS
CO1,2
CIN1,2
RT
RUV1
RUV2
RFB1
RFB2
RSNS
VIN = 9V to 16V
VO = 40V
CCS
RS1
CINX
RS2
COX
LM5022
www.ti.com
SNVS480E – JANUARY 2007 – REVISED OCTOBER 2011
Example Circuit
Figure 2. Design Example Schematic
Applications Information
OVERVIEW
The LM5022 is a low-side N-channel MOSFET controller that contains all of the features needed to implement
single ended power converter topologies. The LM5022 includes a high-voltage startup regulator that operates
over a wide input range of 6V to 60V. The PWM controller is designed for high speed capability including an
oscillator frequency range up to 2 MHz and total propagation delays less than 100 ns. Additional features include
an error amplifier, precision reference, input under-voltage lockout, cycle-by-cycle current limit, slope
compensation, soft-start, oscillator sync capability and thermal shutdown.
The LM5022 is designed for current-mode control power converters that require a single drive output, such as
boost and SEPIC topologies. The LM5022 provides all of the advantages of current-mode control including input
voltage feed-forward, cycle-by-cycle current limiting and simplified loop compensation.
HIGH VOLTAGE START-UP REGULATOR
The LM5022 contains an internal high-voltage startup regulator that allows the VIN pin to be connected directly to
line voltages as high as 60V. The regulator output is internally current limited to 35 mA (typical). When power is
applied, the regulator is enabled and sources current into an external capacitor, CF, connected to the VCC pin.
The recommended capacitance range for CF is 0.1 µF to 100 µF. When the voltage on the VCC pin reaches the
rising threshold of 5V, the controller output is enabled. The controller will remain enabled until VCC falls below
4.7V. In applications using a transformer, an auxiliary winding can be connected through a diode to the VCC pin.
This winding should raise the VCC pin voltage to above 7.5V to shut off the internal startup regulator. Powering
VCC from an auxiliary winding improves conversion efficiency while reducing the power dissipated in the
controller. The capacitance of CF must be high enough that it maintains the VCC voltage greater than the VCC
UVLO falling threshold (4.7V) during the initial start-up. During a fault condition when the converter auxiliary
winding is inactive, external current draw on the VCC line should be limited such that the power dissipated in the
start-up regulator does not exceed the maximum power dissipation capability of the controller.
An external start-up or other bias rail can be used instead of the internal start-up regulator by connecting the
VCC and the VIN pins together and feeding the external bias voltage (7.5V to 14V) to the two pins.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5022


Similar Part No. - LM5022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5022 NSC-LM5022 Datasheet
591Kb / 22P
   60V Low Side Controller for Boost and SEPIC
logo
Texas Instruments
LM5022-Q1 TI1-LM5022-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   60 V Low-Side Controller For Boost and SEPIC
logo
National Semiconductor ...
LM5022MM NSC-LM5022MM Datasheet
591Kb / 22P
   60V Low Side Controller for Boost and SEPIC
LM5022MME NSC-LM5022MME Datasheet
591Kb / 22P
   60V Low Side Controller for Boost and SEPIC
LM5022MMX NSC-LM5022MMX Datasheet
591Kb / 22P
   60V Low Side Controller for Boost and SEPIC
More results

Similar Description - LM5022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5022 NSC-LM5022_09 Datasheet
591Kb / 22P
   60V Low Side Controller for Boost and SEPIC
logo
Texas Instruments
SM74203 TI1-SM74203 Datasheet
544Kb / 24P
[Old version datasheet]   SM74203 60V Low Side Controller for Boost and SEPIC
LM5022-Q1 TI1-LM5022-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   60 V Low-Side Controller For Boost and SEPIC
logo
Analog Devices
LT8357 AD-LT8357 Datasheet
2Mb / 34P
   60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
Rev. 0
logo
Linear Technology
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com