Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5018 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5018
Description  100 V, 300 mA Constant On-Time Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5018 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5018_13 Datasheet HTML 2Page - Texas Instruments LM5018_13 Datasheet HTML 3Page - Texas Instruments LM5018_13 Datasheet HTML 4Page - Texas Instruments LM5018_13 Datasheet HTML 5Page - Texas Instruments LM5018_13 Datasheet HTML 6Page - Texas Instruments LM5018_13 Datasheet HTML 7Page - Texas Instruments LM5018_13 Datasheet HTML 8Page - Texas Instruments LM5018_13 Datasheet HTML 9Page - Texas Instruments LM5018_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM5018
SNVS787E – JANUARY 2012 – REVISED DECEMBER 2013
www.ti.com
Typical Characteristics (continued)
Figure 9. IIN vs VIN (Operating, Non Switching)
Figure 10. IIN vs VIN (Shutdown)
Figure 11. Switching Frequency vs VIN
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5018


Similar Part No. - LM5018_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM5018_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 150-mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com