Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144WU Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDTC144WU
Description  NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144WU Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDTC144WU Datasheet HTML 5Page - NXP Semiconductors PDTC144WU Datasheet HTML 6Page - NXP Semiconductors PDTC144WU Datasheet HTML 7Page - NXP Semiconductors PDTC144WU Datasheet HTML 8Page - NXP Semiconductors PDTC144WU Datasheet HTML 9Page - NXP Semiconductors PDTC144WU Datasheet HTML 10Page - NXP Semiconductors PDTC144WU Datasheet HTML 11Page - NXP Semiconductors PDTC144WU Datasheet HTML 12Page - NXP Semiconductors PDTC144WU Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2004 Aug 17
9
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ
PDTC144W series
UNIT
A1
max.
A(1)
bb1
e1
eL
L1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.20
0.12
0.55
0.47
0.03
0.62
0.55
0.35
0.65
DIMENSIONS (mm are the original dimensions)
Note
1. Including plating thickness
0.30
0.22
0.30
0.22
SOT883
SC-101
03-02-05
03-04-03
DE
1.02
0.95
L
E
2
3
1
b
b1
A1
A
D
L1
0
0.5
1 mm
scale
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
e
e1


Similar Part No. - PDTC144WU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144WU PHILIPS-PDTC144WU Datasheet
51Kb / 8P
   NPN resistor-equipped transistor
1999 May 25
PDTC144WU PHILIPS-PDTC144WU Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PDTC144WU PHILIPS-PDTC144WU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC144WU PHILIPS-PDTC144WU Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144WU NXP-PDTC144WU Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
More results

Similar Description - PDTC144WU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC124X NXP-PDTC124X Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PEMH16_PUMH16 PHILIPS-PEMH16_PUMH16_15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 22 k廓, R2 = 47 k廓
Rev. 04-15 November 2009
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PQMD16 NEXPERIA-PQMD16 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com