Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26-48-1202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 26-48-1202
Description  KK짰 396 Breakaway Header, Right-Angle, 20 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

26-48-1202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  26-48-1202 Datasheet HTML 1Page - Molex Electronics Ltd. 26-48-1202 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
26-48-1202
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 396 Breakaway Header, Right-Angle, 20 Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41662
Application
Board-to-Board, Power, Wire-to-Board
Application Tooling Part Link
11-20-0901
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800754386630
Physical
Breakaway
Yes
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
7.675/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
4.67mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Plating min - Mating
5.080µm
Plating min - Termination
5.080µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41662Series
Mates With
2139 KK® Crimp Housing, 41695 KK®
Crimp Housing, 6442 KK® Crimp Housing,
2145 PCB Connector, 41815 PCB
Connector, 3069 KK® Crimp Housing


Similar Part No. - 26-48-1202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-1201 MOLEX3-26-48-1201 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 20 Circuits, Tin (Sn) Plating
26-48-1201 MOLEX11-26-48-1201 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 20 Circuits, Tin (Sn) Plating
26-48-1201 MOLEX-26-48-1201 Datasheet
487Kb / 14P
   KK .156 HEADER ASSEMBLY FLAT BREAKAWAY 2-24 CKTS
2004/03/04
26-48-1201 MOLEX-26-48-1201 Datasheet
487Kb / 14P
   KK .156 HEADER ASSEMBLY FLAT BREAKAWAY 2-24 CKTS
2004/03/04
26-48-1203 MOLEX3-26-48-1203 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 20 Circuits, Tin (Sn) Plating
More results

Similar Description - 26-48-1202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-1112 MOLEX11-26-48-1112 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 11 Circuits, Tin (Sn) Plating
26-48-1182 MOLEX11-26-48-1182 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 18 Circuits, Tin (Sn) Plating
26-48-1082 MOLEX11-26-48-1082 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 8 Circuits, Tin (Sn) Plating
26-48-1142 MOLEX11-26-48-1142 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 14 Circuits, Tin (Sn) Plating
26-48-1152 MOLEX11-26-48-1152 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 15 Circuits, Tin (Sn) Plating
26-48-1212 MOLEX11-26-48-1212 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 21 Circuits, Tin (Sn) Plating
26-48-1092 MOLEX11-26-48-1092 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 9 Circuits, Tin (Sn) Plating
26-48-1122 MOLEX11-26-48-1122 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 12 Circuits, Tin (Sn) Plating
26-48-1062 MOLEX11-26-48-1062 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 6 Circuits, Tin (Sn) Plating
26-48-1072 MOLEX11-26-48-1072 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 7 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com