Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26-48-1201 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 26-48-1201
Description  KK짰 396 Breakaway Header, Vertical, 20 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

26-48-1201 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  26-48-1201 Datasheet HTML 1Page - Molex Electronics Ltd. 26-48-1201 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-41661-A20A197
Reference - Drawing Numbers
Product Specification
PS-08-50
Sales Drawing
SD-41661-001
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 26-48-1201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-1201 MOLEX3-26-48-1201 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 20 Circuits, Tin (Sn) Plating
26-48-1201 MOLEX-26-48-1201 Datasheet
487Kb / 14P
   KK .156 HEADER ASSEMBLY FLAT BREAKAWAY 2-24 CKTS
2004/03/04
26-48-1201 MOLEX-26-48-1201 Datasheet
487Kb / 14P
   KK .156 HEADER ASSEMBLY FLAT BREAKAWAY 2-24 CKTS
2004/03/04
More results

Similar Description - 26-48-1201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-1171 MOLEX11-26-48-1171 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 17 Circuits, Tin (Sn) Plating
26-48-1041 MOLEX11-26-48-1041 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 4 Circuits, Tin (Sn) Plating
26-48-1151 MOLEX11-26-48-1151 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 15 Circuits, Tin (Sn) Plating
26-48-1101 MOLEX11-26-48-1101 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 10 Circuits, Tin (Sn) Plating
26-48-1131 MOLEX11-26-48-1131 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 13 Circuits, Tin (Sn) Plating
26-48-1191 MOLEX11-26-48-1191 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 19 Circuits, Tin (Sn) Plating
26-48-1181 MOLEX11-26-48-1181 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 18 Circuits, Tin (Sn) Plating
26-48-1021 MOLEX11-26-48-1021 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 2 Circuits, Tin (Sn) Plating
26-48-1211 MOLEX11-26-48-1211 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 21 Circuits, Tin (Sn) Plating
26-48-1231 MOLEX11-26-48-1231 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 23 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com