Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5008A Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5008A
Description  350 mA Constant On-Time Buck Switching Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5008A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5008A_14 Datasheet HTML 7Page - Texas Instruments LM5008A_14 Datasheet HTML 8Page - Texas Instruments LM5008A_14 Datasheet HTML 9Page - Texas Instruments LM5008A_14 Datasheet HTML 10Page - Texas Instruments LM5008A_14 Datasheet HTML 11Page - Texas Instruments LM5008A_14 Datasheet HTML 12Page - Texas Instruments LM5008A_14 Datasheet HTML 13Page - Texas Instruments LM5008A_14 Datasheet HTML 14Page - Texas Instruments LM5008A_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
L1 =
VOUT x (VIN - VOUT)
IOR x Fs x VIN
LM5008A
www.ti.com
SNVS583E – MARCH 2009 – REVISED APRIL 2011
Thermal Protection
The LM5008A should be operated so the junction temperature does not exceed 125°C during normal operation.
An internal Thermal Shutdown circuit is provided to shutdown the LM5008A in the event of a higher than normal
junction temperature. When activated, typically at 165°C, the controller is forced into a low power reset state by
disabling the buck switch. This feature prevents catastrophic failures from accidental device overheating. When
the junction temperature reduces below 140°C (typical hysteresis = 25°C) normal operation is resumed.
Applications Information
SELECTION OF EXTERNAL COMPONENTS
A guide for determining the component values will be illustrated with a design example. Refer to the Block
Diagram. The following steps will configure the LM5008A for:
Input voltage range (Vin): 12V to 95V
Output voltage (VOUT1): 10V
Load current (for continuous conduction mode): 100 mA to 300 mA
RFB1, RFB2: VOUT = VFB x (RFB1 + RFB2) / RFB1, and since VFB = 2.5V, the ratio of RFB2 to RFB1 calculates as 3:1.
Standard values of 3.01 k
Ω and 1.00 kΩ are chosen. Other values could be used as long as the 3:1 ratio is
maintained.
Fs and RT: The recommended operating frequency range for the LM5008A is 50 kHz to 1.1 MHz. Unless the
application requires a specific frequency, the choice of frequency is generally a compromise since it affects the
size of L1 and C2, and the switching losses. The maximum allowed frequency, based on a minimum on-time of
400 ns, is calculated from:
FMAX = VOUT / (VINMAX x 400 ns)
(6)
For this exercise, Fmax = 263 kHz. From equation 1, RT calculates to 274 kΩ. A standard value 324 kΩ resistor
will be used to allow for tolerances in equation 1, resulting in a frequency of 223 kHz.
L1: The main parameter affected by the inductor is the output current ripple amplitude. The choice of inductor
value therefore depends on both the minimum and maximum load currents, keeping in mind that the maximum
ripple current occurs at maximum Vin.
a) Minimum load current: To maintain continuous conduction at minimum Io (100 mA), the ripple amplitude
(IOR) must be less than 200 mA p-p so the lower peak of the waveform does not reach zero. L1 is calculated
using the following equation:
(7)
At Vin = 95V, L1(min) calculates to 200 µH. The next larger standard value (220 µH) is chosen and with this
value IOR calculates to 182 mA p-p at Vin = 95V, and 34 mA p-p at Vin = 12V.
b) Maximum load current: At a load current of 300 mA, the peak of the ripple waveform must not reach the
minimum guaranteed value of the LM5008A’s current limit threshold (410 mA). Therefore the ripple amplitude
must be less than 220 mA p-p, which is already satisfied in the above calculation. With L1 = 220 µH, at
maximum Vin and Io, the peak of the ripple will be 391 mA. While L1 must carry this peak current without
saturating or exceeding its temperature rating, it also must be capable of carrying the maximum guaranteed
value of the LM5008A’s current limit threshold (610 mA) without saturating, since the current limit is reached
during startup.
The DC resistance of the inductor should be as low as possible. For example, if the inductor’s DCR is one ohm,
the power dissipated at maximum load current is 0.09W. While small, it is not insignificant compared to the load
power of 3W.
C3: The capacitor on the VCC output provides not only noise filtering and stability, but its primary purpose is to
prevent false triggering of the VCC UVLO at the buck switch on/off transitions. C3 should be no smaller than 0.47
µF.
C2, and R3: When selecting the output filter capacitor C2, the items to consider are ripple voltage due to its
ESR, ripple voltage due to its capacitance, and the nature of the load.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5008A


Similar Part No. - LM5008A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM5008A_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
SM74301 TI1-SM74301 Datasheet
329Kb / 16P
[Old version datasheet]   SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5009A TI1-LM5009A_14 Datasheet
1Mb / 22P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
SM72485 NSC-SM72485 Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com