Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M123A01BPC100C Datasheet(PDF) 7 Page - AVX Corporation

Part # M123A01BPC100C
Description  Military Type Designation: Capacitors, Fixed, Ceramic Dielectric, (Temperature Stable and General Purpose), High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M123A01BPC100C Datasheet(HTML) 7 Page - AVX Corporation

  M123A01BPC100C Datasheet HTML 1Page - AVX Corporation M123A01BPC100C Datasheet HTML 2Page - AVX Corporation M123A01BPC100C Datasheet HTML 3Page - AVX Corporation M123A01BPC100C Datasheet HTML 4Page - AVX Corporation M123A01BPC100C Datasheet HTML 5Page - AVX Corporation M123A01BPC100C Datasheet HTML 6Page - AVX Corporation M123A01BPC100C Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MIL-PRF-123
M123A
02BPC
271FC
JAN
271 F
100 V
0810AA
12345
Cap. Value
Cap. Tolerance and Voltage
Date and 2 Digit Lot Code
FSCM
Part Number
CKS06, -/02
M123A
01BPC
4R7CC
JAN
0810AA
12345
Date and 2 Digit Lot Code
FSCM
Part Number
CKS05, -/01
Radials
123A
270F
0810
BUJAP
Spec. Number and Modification Code
Cap. Value and Tolerance
Date Code
Manufacturer’s Trademark and TC Code
Lot Code and “J”
CKS11, -/04
Axials
Mfg. ID
Cap. Value and Tol.
Top
CKS22, -/16; CKS23 -/17; & CKS24 -/18
2 Pin DIP
A123271K
Date and Lot Code
Bottom
JP0810BU
J123A
05BPC
111CW
0810BU
12345
Part Number
Date and Lot Code
FSCM
“J”
CKS12, -/05
M123A06
BPC241FW
241 F
100 V
J 0810BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS14, -/06
Cap. Value
M123A07
BPC241FW
241 F
100 V
J 0810BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS15, -/07
Cap. Value
M123A08
BPC241FW
241 F
100 V
J 0810BU
12345
Part Number
Cap. Tolerance
Voltage
Date and Lot Code
FSCM
“J”
CKS16, -/08
Cap. Value
MARKING
MIL-PRF-123
MIL-PRF-39014
MIL-PRF-20
MIL-PRF-55681
AVX CATALOG
CKS #
M123/ -
CKR #
M39014/ -
CCR #
M20/ -
CDR #
M55681/ -
CKS05
/1
CKR05
/01
CCR05
/35
N/A
N/A
MR05
CKS06
/2
CKR06
/02
CCR06
/36
N/A
N/A
MR06
CKS11
/4
CKR11
/05
CCR75
/27
N/A
N/A
MA10
CKS12
/5
CKR12
/05
CCR76
/28
N/A
N/A
MA20
CKS14
/6
CKR14
/05
CCR77
/29
N/A
N/A
MA40
CKS15
/7
CKR15
/05
CCR78
/30
N/A
N/A
MA50
CKS16
/8
CKR16
/05
CCR79
/31
N/A
N/A
MA60
CKS51
/10
N/A
N/A
N/A
N/A
CDR01
/1
0805
CKS52
/11
N/A
N/A
N/A
N/A
N/A
N/A
1210
CKS53
/12
N/A
N/A
N/A
N/A
CDR03
/1
1808
CKS54
/13
N/A
N/A
N/A
N/A
CDR06
/3
2225
CKS22
/16
CKR22
/22
N/A
N/A
N/A
N/A
MD01
CKS23
/17
CKR23
/22
N/A
N/A
N/A
N/A
MD02
CKS24
/18
CKR24
/22
N/A
N/A
N/A
N/A
MD03
MILITARY PART NUMBER CROSS REFERENCE MIL-PRF-123/
80


Similar Part No. - M123A01BPC100C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123A01BXB103K AVX-M123A01BXB103K Datasheet
1Mb / 71P
   Multiayer Ceramic Leaded Capacitors
More results

Similar Description - M123A01BPC100C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-123 AVX-MIL-PRF-123 Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0201ZD472KAT2A AVX-0201ZD472KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
01016D101KAT2A AVX-01016D101KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1206SFS200F AVX-1206SFS200F Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1210YD226MAT2A AVX-1210YD226MAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
02016D332KAT2A AVX-02016D332KAT2A Datasheet
70Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com