Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLD-6025Z Datasheet(PDF) 6 Page - AIMTEC

Part # AMLD-6025Z
Description  LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-6025Z Datasheet(HTML) 6 Page - AIMTEC

Back Button AMLD-6025Z Datasheet HTML 2Page - AIMTEC AMLD-6025Z Datasheet HTML 3Page - AIMTEC AMLD-6025Z Datasheet HTML 4Page - AIMTEC AMLD-6025Z Datasheet HTML 5Page - AIMTEC AMLD-6025Z Datasheet HTML 6Page - AIMTEC AMLD-6025Z Datasheet HTML 7Page - AIMTEC AMLD-6025Z Datasheet HTML 8Page - AIMTEC AMLD-6025Z Datasheet HTML 9Page - AIMTEC AMLD-6025Z Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Series AMLD-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
6 of 13
North America only
Output Current Adjustment by PWM Control:
Driving VADJ Directly
A Pulse Width Modulation (PWM) signal with a duty cycle DPWM can be applied to the ADJ pin as shown below.
AMLD-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
PWM
0V
1.25V
GND
Last LED
The output current is given by:
Ioutnom x DPWM
Iout ≈
[if PWM frequency < 300Hz,
for 0.1<DPWM<1]
Driving VADJ Via Open Collector Transistor
The VADJ can also be driven via an open collector transistor as shown below.
The diode and resistor serve to suppress any possible high amplitude negative voltage spikes to the VADJ input resulting
from the collector to emitter capacitance of the transistor. Any negative voltage spikes will cause errors in output current
and/or unstable driver operation.
AMLD-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
PWM
0V
GND
1
Last LED
1.25V
3.3K


Similar Part No. - AMLD-6025Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-6025Z AIMTEC-AMLD-6025Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLD-6025Z AIMTEC-AMLD-6025Z Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLD-6025Z

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com