Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLD-6060Z Datasheet(PDF) 3 Page - AIMTEC

Part # AMLD-6060Z
Description  LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-6060Z Datasheet(HTML) 3 Page - AIMTEC

  AMLD-6060Z Datasheet HTML 1Page - AIMTEC AMLD-6060Z Datasheet HTML 2Page - AIMTEC AMLD-6060Z Datasheet HTML 3Page - AIMTEC AMLD-6060Z Datasheet HTML 4Page - AIMTEC AMLD-6060Z Datasheet HTML 5Page - AIMTEC AMLD-6060Z Datasheet HTML 6Page - AIMTEC AMLD-6060Z Datasheet HTML 7Page - AIMTEC AMLD-6060Z Datasheet HTML 8Page - AIMTEC AMLD-6060Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Series AMLD-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
3 of 13
North America only
Derating
Dimensions
31.75
(1.25)
23 22
2 3
16
14
9
11
20.30
(0.80)
4
21
15.24
(0.60)
2.54
(0.1)
12.45
(0.49)
5.08
(0.2)
0.50
(0.02)
3.05
(0.12
Bottom View
25.40
(1.00
Application circuit examples:
Mechanical Tolerances
Case tolerance ± 0.25mm or ± 0.01 inches
Pin tolerance ± 0.05 or ± 0.002
AMLD-Z
+Vin
-Vin
+
VADJ
1st LED
Last LED
+Vout
1
1
Analogue DIM
PWM Dim/ON/OFF
-Vout
AMLD-Z
+Vin
-Vin
+
VADJ
1st LED
Last LED
+Vout
1
1
-Vout
Analogue DIM
PWM Dim/ON/OFF
1
1


Similar Part No. - AMLD-6060Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-6060Z AIMTEC-AMLD-6060Z Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLD-6060Z

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com