Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAWG144100FHH12 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # AAWG144100FHH12
Description  Multiplexer/Demultiplexer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

AAWG144100FHH12 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  AAWG144100FHH12 Datasheet HTML 1Page - OPLINK Communications Inc. AAWG144100FHH12 Datasheet HTML 2Page - OPLINK Communications Inc. AAWG144100FHH12 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S0312 - R03. (web) 20121218
Product Description
Features
Applications
Performance Specificationns
AAWG Series
Athermal Arrayed-Waveguide Grating
Multiplexer/Demultiplexer
AAWG Parameters
Min.
Typical
Max.
Unit
Channel Spacing
100
GHz
Number of Channels
32, 40 or 44
Channel Passband
± 12.5
GHz
Insertion Loss [2]
4.5
5.5
dB
Uniformity
≤ 40CH
0.9
1.2
dB
> 44CH
1.2
1.5
dB
Ripple
0.35
0.5
dB
1dB Bandwidth [3]
50
GHz
3dB Bandwidth [3]
75
GHz
Polarization Dependent Loss
0.5
dB
Adjacent Channel Crosstalk
25
dB
Non-adjacent Channel Crosstalk
35
dB
Total Crosstalk
22
dB
Return Loss
45
dB
Directivity
50
dB
Chromatic Dispersion [4]
- 20
+ 20
ps/nm
PMD [4]
0.5
ps
Maximum Power Handling
300
mW
Fiber Type
G. 652D
Fiber Jacket
Without Fan-out
C : 900µm loose tube
B : 12-Core ribbon fiber
With Fan-out
C : 900µm loose tube
B : 12-Core fibbon fiber
A : 900µm loose tube
Fiber Length
Refer ordering information
Connector Type
Refer ordering information
Operating Temperature
- 5 to +70
°C
Storage Temperature
-40 to +85
°C
Notes:
[1] All the parameters are excluding connectors. IL of con-
nectors is 0.2dB/pair for PC/UPC/SPC types and 0.4dB
per pair for APC types.
[2] The maximum IL is under all states of polarization and
within the full operating temperature and wavelength
ranges specified.
[3] Measured from minimum loss to 1dB and 3dB down
respectively.
[4] Over ITU band
Athermal Arrayed-Waveguide Grating (AAWG) have equivalent perfor-
mance to thermal AWGs but no any electrical power needed for operation.
AAWG is more simple than thermal AWG.
Oplink’s planar lightwave circuits are well suited for demanding telecom ap-
plications in long-haul and metro transmission systems.The AAWG provide
extremely excellent optical performance, high reliability, ease of fiber han-
dling and power saving solution in a compact package.
Pure Passive
MSA package
Low insertion loss /PDL
Extremely low crosstalk
Telcordia GR-1209/1221 qualified
ROADM
FOADM
xGPON
WDM-PON


Similar Part No. - AAWG144100FHH12

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AAWG140100F1111 OPLINK-AAWG140100F1111 Datasheet
600Kb / 3P
   Athermal Arrayed-Waveguide Grating Multiplexer/Demultiplexer
AAWG140100F1112 OPLINK-AAWG140100F1112 Datasheet
600Kb / 3P
   Athermal Arrayed-Waveguide Grating Multiplexer/Demultiplexer
AAWG140100F1151 OPLINK-AAWG140100F1151 Datasheet
600Kb / 3P
   Athermal Arrayed-Waveguide Grating Multiplexer/Demultiplexer
AAWG140100F1152 OPLINK-AAWG140100F1152 Datasheet
600Kb / 3P
   Athermal Arrayed-Waveguide Grating Multiplexer/Demultiplexer
AAWG140100F11H1 OPLINK-AAWG140100F11H1 Datasheet
600Kb / 3P
   Athermal Arrayed-Waveguide Grating Multiplexer/Demultiplexer
More results

Similar Description - AAWG144100FHH12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com