Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2736 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2736
Description  Thin SOT23 750mA Load Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2736 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2736_14 Datasheet HTML 5Page - Texas Instruments LM2736_14 Datasheet HTML 6Page - Texas Instruments LM2736_14 Datasheet HTML 7Page - Texas Instruments LM2736_14 Datasheet HTML 8Page - Texas Instruments LM2736_14 Datasheet HTML 9Page - Texas Instruments LM2736_14 Datasheet HTML 10Page - Texas Instruments LM2736_14 Datasheet HTML 11Page - Texas Instruments LM2736_14 Datasheet HTML 12Page - Texas Instruments LM2736_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
BOOST
SW
GND
L
D1
D2
COUT
CBOOST
VOUT
CIN
VIN
VIN
VBOOST
LM2736
www.ti.com
SNVS316E – SEPTEMBER 2004 – REVISED SEPTEMBER 2011
Figure 5. VOUT Charges CBOOST
When the LM2736 starts up, internal circuitry from the BOOST pin supplies a maximum of 20mA to CBOOST. This
current charges CBOOST to a voltage sufficient to turn the switch on. The BOOST pin will continue to source
current to CBOOST until the voltage at the feedback pin is greater than 1.18V.
There are various methods to derive VBOOST:
1. From the input voltage (VIN)
2. From the output voltage (VOUT)
3. From an external distributed voltage rail (VEXT)
4. From a shunt or series zener diode
In the Simplifed Block Diagram of Figure 3, capacitor CBOOST and diode D2 supply the gate-drive current for the
NMOS switch. Capacitor CBOOST is charged via diode D2 by VIN. During a normal switching cycle, when the
internal NMOS control switch is off (TOFF) (refer to Figure 4), VBOOST equals VIN minus the forward voltage of D2
(VFD2), during which the current in the inductor (L) forward biases the Schottky diode D1 (VFD1). Therefore the
voltage stored across CBOOST is
VBOOST - VSW = VIN - VFD2 + VFD1
(1)
When the NMOS switch turns on (TON), the switch pin rises to
VSW = VIN – (RDSON x IL),
(2)
forcing VBOOST to rise thus reverse biasing D2. The voltage at VBOOST is then
VBOOST = 2VIN – (RDSON x IL) – VFD2 + VFD1
(3)
which is approximately
2VIN - 0.4V
(4)
for many applications. Thus the gate-drive voltage of the NMOS switch is approximately
VIN - 0.2V
(5)
An alternate method for charging CBOOST is to connect D2 to the output as shown in Figure 5. The output voltage
should be between 2.5V and 5.5V, so that proper gate voltage will be applied to the internal switch. In this circuit,
CBOOST provides a gate drive voltage that is slightly less than VOUT.
In applications where both VIN and VOUT are greater than 5.5V, or less than 3V, CBOOST cannot be charged
directly from these voltages. If VIN and VOUT are greater than 5.5V, CBOOST can be charged from VIN or VOUT
minus a zener voltage by placing a zener diode D3 in series with D2, as shown in Figure 6. When using a series
zener diode from the input, ensure that the regulation of the input supply doesn’t create a voltage that falls
outside the recommended VBOOST voltage.
(VINMAX – VD3) < 5.5V
(VINMIN – VD3) > 1.6V
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2736


Similar Part No. - LM2736_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
More results

Similar Description - LM2736_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com