Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEOR30-24140AZ Datasheet(PDF) 7 Page - AIMTEC

Part # AMEOR30-24140AZ
Description  DC-DC LED driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR30-24140AZ Datasheet(HTML) 7 Page - AIMTEC

Back Button AMEOR30-24140AZ Datasheet HTML 3Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 4Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 5Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 6Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 7Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 8Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 9Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 10Page - AIMTEC AMEOR30-24140AZ Datasheet HTML 11Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Series AMEOR30-AZ
up to 2.5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.F
7 of 14
North America only
AMEOR30-12250AZ
PFC Value vs. Output Load Current (constant current mode)
AMEOR30-5070AZ


Similar Part No. - AMEOR30-24140AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30-24140AZ AIMTEC-AMEOR30-24140AZ Datasheet
762Kb / 15P
   Over Temperature Protection
AMEOR30-24140AZ AIMTEC-AMEOR30-24140AZ Datasheet
762Kb / 15P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30-24140AZ AIMTEC-AMEOR30-24140AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
More results

Similar Description - AMEOR30-24140AZ

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND1937 LINEAR_DIMENSIONS-LND1937 Datasheet
72Kb / 1P
   36V BOOST DC/DC LED DRIVER
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
   DC-DC Constant Current LED driver
LDD-L MEANWELL-LDD-L_12 Datasheet
160Kb / 3P
   DC-DC Constant Current LED driver
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
   DC-DC Constant Current LED driver
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
   DC/DC WHITE LIGHT LED DRIVER
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com