Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEL1-5SAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEL1-5SAZ
Description  AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL1-5SAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEL1-5SAZ Datasheet HTML 1Page - AIMTEC AMEL1-5SAZ Datasheet HTML 2Page - AIMTEC AMEL1-5SAZ Datasheet HTML 3Page - AIMTEC AMEL1-5SAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AMEL1-AZ
1Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.C
4 of 4
North America only
Dimensions
Top View
AMEL-S/DAZ
Side View
Dimensions mm (inch)
Case Tolerance ¡ Ó
0.50 (¡ Ó
0.02)
Pin Diameter 0.80¡ Ó
0.05 (0.03¡ Ó
0.002)
Pin Pitch Tolerance ¡ Ó
0.50 (¡ Ó
0.02)
DIV: 5.00 (0.20)
Top View
Temperature measuring point
28.00
(1.10)
23.00
(0.90)
15.875
(0.625)
3.175
(0.125)
3.175
(0.125)
15.875
(0.625)
6.35
(0.25)
14.50
(0.57)
3.18
(0.13)
0.80
(0.03)
1£X
10.0 ( £X
0.40)
7£X
0.80 ( £X
0.03)
1
2
3
4
5
6
7
1
2
3
4
5
6
7
17.00
(0.69)
3.18
(0.13)
0.80
(0.03)
AMEL-SB/DBAZ
Side View
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3.Mechanical drawings and specifications are for reference only. 4.All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AMEL1-5SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10 AIMTEC-AMEL10 Datasheet
300Kb / 2P
   10 watt encapsulated ac-dc converter
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
300Kb / 4P
   10 Watt | AC-DC Converter
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-1224DMAZ AIMTEC-AMEL10-1224DMAZ Datasheet
300Kb / 4P
   10 Watt | AC-DC Converter
More results

Similar Description - AMEL1-5SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com