Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTHA-2FSA Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTHA-2FSA
Description  1/4 female NPT x female Quick-test, no check-valve, S.S.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTHA-2FSA Datasheet(HTML) 1 Page - Ralston Instruments.

  QTHA-2FSA Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTHA-2FSA
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-2FSA
1/4" female NPT x female Quick-test, no check-valve, S.S.
Connect to a pressure gauge or other device
with Male NPT connections to a Ralston hand
pump or nitrogen calibration device
Features
• Install with thread tape once onto any male NPT pressure
gauge then use the Quick-test connection to quickly connect
or disconnect from any Ralston hand pump, nitrogen
calibration device or other Quick-test adapter
• Saves the threads on a pressure gauge by not needing to
make and remake the connection with thread sealant
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
1/4" Female NPT
End C2
Female Quick-test
Has Check Valve
No
Maximum Working
Temperature
225 °F (107 °C)
Construction
Stainless Steel
Dimensions A
1.52 in (3.86 cm)
Dimensions B
0.75 in (1.91 cm)


Similar Part No. - QTHA-2FSA

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-2FSA RALSTON-QTHA-2FSA Datasheet
281Kb / 1P
   Stainless Steel
QTHA-2FSA-AN-QD RALSTON-QTHA-2FSA-AN-QD Datasheet
575Kb / 1P
   Connect a male 37A째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-2FSA-AN-QD RALSTON-QTHA-2FSA-AN-QD Datasheet
538Kb / 1P
   Connect a male 37째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-2FSA-AN-QD RALSTON-QTHA-2FSA-AN-QD_19 Datasheet
538Kb / 1P
   Connect a male 37째 flare AN/JIC fitting to a Quick-test hose without a wrench
QTHA-2FSA-MP RALSTON-QTHA-2FSA-MP Datasheet
531Kb / 1P
   Connect to hoses, comparators and pressure references with Male Medium Pressure adapters
More results

Similar Description - QTHA-2FSA

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-2MSA RALSTON-QTHA-2MSA Datasheet
311Kb / 1P
   1/4 male NPT x female Quick-test, no check-valve, S.S.
QTHA-2FS0 RALSTON-QTHA-2FS0 Datasheet
322Kb / 1P
   1/4 female NPT x male Quick-test, no check-valve, S.S.
QTHA-4FS0 RALSTON-QTHA-4FS0 Datasheet
321Kb / 1P
   1/2 female NPT x male Quick-test, no check-valve, S.S.
QTHA-1MSA RALSTON-QTHA-1MSA Datasheet
311Kb / 1P
   1/8 male NPT x female Quick-test, no check-valve, S.S.
QTHA-1FS0 RALSTON-QTHA-1FS0 Datasheet
322Kb / 1P
   1/8 female NPT x male Quick-test, no check-valve, S.S.
QTHA-2FS1 RALSTON-QTHA-2FS1 Datasheet
322Kb / 1P
   1/4 female NPT x male Quick-test, with check-valve, S.S.
QTHA-2FBA RALSTON-QTHA-2FBA Datasheet
331Kb / 1P
   1/4 female NPT x female Quick-test, no check-valve, brass
QTHA-3FS0 RALSTON-QTHA-3FS0 Datasheet
321Kb / 1P
   3/8 female NPT x male Quick-test, no check-valve, S.S.
QTHA-1FS1 RALSTON-QTHA-1FS1 Datasheet
322Kb / 1P
   1/8 female NPT x male Quick-test, with check-valve, S.S.
QTHA-2MS0 RALSTON-QTHA-2MS0 Datasheet
310Kb / 1P
   1/4 male NPT x male Quick-test, no check-valve, S.S.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com