Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP600C7TR Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP600C7TR
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP600C7TR Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP600C7TR Datasheet HTML 1Page - Fairchild Semiconductor QTLP600C7TR Datasheet HTML 2Page - Fairchild Semiconductor QTLP600C7TR Datasheet HTML 3Page - Fairchild Semiconductor QTLP600C7TR Datasheet HTML 4Page - Fairchild Semiconductor QTLP600C7TR Datasheet HTML 5Page - Fairchild Semiconductor QTLP600C7TR Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9/3/03
PACKAGE DIMENSIONS
Page 1 of 6
© 2003 Fairchild Semiconductor Corporation
QTLP600C-2 HER
QTLP600C-3 Yellow
QTLP600C-4 Green
QTLP600C-7 AlGaAs Red
QTLP600C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C
APPLICATIONS
Keypad backlighting
Push-button backlighting
LCD backlighting
DESCRIPTION
These surface mount chip LEDs are designed to fit industry standard footprint. Small size, low profile and wide viewing angle make
these LEDs ideal choices for backlighting applications and panel illumination.
FEATURES
Miniature footprint - 1.6(L) X 0.8(W) X 0.8(H) mm
Wide viewing angle of 100°
Water clear optics
Moisture-proof packaging
Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
0.047 (1.2)
0.031 (0.8)
0.035 (0.9)
0.028 (0.7)
0.012 (0.3)
0.071 (1.8)
0.055 (1.4)
0.039 (1.0)
TOP
SIDE
BOTTOM
+
+
-
for -2, -3, -4 and -B
for -7
POLARITY
POLARITY MARK
(See Note 2)
NOTE:
1. Dimensions for all drawings are in inches (mm).
2. Cathode for -2, -3, -4 and B. Anode for -7.


Similar Part No. - QTLP600C7TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
78Kb / 6P
   STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
84Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-23 FAIRCHILD-QTLP600C-23 Datasheet
184Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP600C-24 FAIRCHILD-QTLP600C-24 Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
More results

Similar Description - QTLP600C7TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP600CBTR FAIRCHILD-QTLP600CBTR Datasheet
84Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP600C-R FAIRCHILD-QTLP600C-R Datasheet
146Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.8 mm Height)
QTLP601C FAIRCHILD-QTLP601C Datasheet
362Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601CRTR FAIRCHILD-QTLP601CRTR Datasheet
368Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP600C-2 FAIRCHILD-QTLP600C-2 Datasheet
78Kb / 6P
   STANDARD BRIGHT 0603 (0.8 mm Height)
QTLP603C-EB FAIRCHILD-QTLP603C-EB Datasheet
470Kb / 6P
   SURFACE MOUNT LED LAMP 0603 (0.35 mm Height)
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com