Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA3715 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA3715
Description  High-grade, hardened steel frame offers superior performance and durability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA3715 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA3715 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA3715 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
• High-grade,hardenedsteelframeofferssuperiorperformanceanddurability.
• Ratchetedactiontoensureproper,consistenttermination.
• Adjustmentfeatureforextraleverageapplications.
• Quick-changepunchsetsrequirenotools.
• Removablejackcradleallowsforalternatelacingoption.
• Punchheadscanbepurchasedseparately.
• Rubber-embeddedhandlesprovideextracomfort.
• ForusewithModularJackslistedbelowincludingCommScope® (Systimax®, Uniprise®),Leviton®,
OCC®,HellermannTyton®,Hubbell® PremiseWiringandLegrand® (Ortronics®).
• LifetimeWarranty(crimperframeonly).
Specifications
Order Information
DISTRIBUTED BY:
www.greenlee.com • MA-5553 rev. 04/2011
4455BoeingDrive•Rockford,IL61109-2988•USA•815-397-7070
©2011GreenleeTextronInc.•AnISO9001Company•PrintedinUSA
Greenlee Textron Inc. is a subsidiary of Textron Inc.
Cat. No.
DESCRIPtIoN
JaCk ComPabIlIty
Qty.
PA8100
Jack TerminatorCrimperFrame
PunchdownHeadSetnotIncluded
1
PA8105
Jack TerminatorwithPunchdownHead-Set
Systimax®-MPS100E,Uniprise®UNJ600/500
1
PA3711
ReplacementPunchdownHead-Set
Systimax®-MPS100E,Uniprise®UNJ600/500
1
PA3811
ReplacementPunchHeadOnly
Systimax®-MPS100E,Uniprise®UNJ600/500
1
PA8106
Jack TerminatorwithPunchdownHead-Set
Systimax®-MGS400,MGS500,MGS600
1
PA3712
ReplacementPunchdownHead-Set
Systimax®-MGS400,MGS500,MGS600
1
PA3812
ReplacementPunchHeadOnly
Systimax®-MGS400,MGS500,MGS600
1
PA8107
Jack TerminatorwithPunchdownHead-Set
Leviton® -41106,41108,5G108
1
PA3713
ReplacementPunchdownHead-Set
Leviton®-41106,41108,5G108
1
PA3813
ReplacementPunchHeadOnly
Leviton®-41106,41108,5G108
1
PA8108
Jack TerminatorwithPunchdownHead-Set
Leviton®-61110,5G110,6110G
1
PA3714
ReplacementPunchdownHead-Set
Leviton®-61110,5G110,6110G
1
PA3814
ReplacementPunchHeadOnly
Leviton®-61110,5G110,6110G
1
PA8109
Jack TerminatorwithPunchdownHead-Set
OCC®-KMJA5E,KMJA6,K6A
1
PA3715
ReplacementPunchdownHead-Set
OCC®-KMJA5E,KMJA6,K6A
1
PA3815
ReplacementPunchHeadOnly
OCC®-KMJA5E,KMJA6,K6A
1
PA8110
Jack TerminatorwithPunchdownHead-Set
HellermannTyton®-RJ45FC5E,RJ45FC6
1
PA3716
ReplacementPunchdownHead-Set
HellermannTyton®-RJ45FC5E,RJ45FC6
1
PA3816
ReplacementPunchHeadOnly
HellermannTyton®-RJ45FC5E,RJ45FC6
1
PA8111
Jack TerminatorwithPunchdownHead-Set
Hubbell®-HXJSeries
1
PA3717
ReplacementPunchdownHead-Set
Hubbell®-HXJSeries
1
PA3817
ReplacementPunchHeadOnly
Hubbell®-HXJSeries
1
PA8112
Jack TerminatorwithPunchdownHead-Set
Ortronics®-TJ5E00,TJ600,TJ610
1
PA3718
ReplacementPunchdownHead-Set
Ortronics®-TJ5E00,TJ600,TJ610
1
PA3818
ReplacementPunchHeadOnly
Ortronics®-TJ5E00,TJ600,TJ610
1
SPECIFICATIONS
PA8100
GENERAL JACK TERMINATOR
WITH PUNCH DOWN HEAD-SET
GENERAL PUNCHDOWN
HEAD-SET
GENERAL PUNCH HEAD ONLY
LENGTH
9.6”(245mm)
9.75”(248mm)
1.6”(40mm)
1”(26mm)
HEIGHT
3.25”(80mm)
4”(102mm)
4”(102mm)
2.1”(55mm)
WIDTH
1.25”(32mm)
1.25”(32mm)
1.25”(32mm)
1.25”(32mm)
WEIGHT
1.25lbs(575g)
1.4lbs(652g)
2oz(54g)
0.8oz(23g)


Similar Part No. - PA3715

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA3715NL PULSE-PA3715NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
More results

Similar Description - PA3715

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
E3Z-D61 OMRON-E3Z-D61 Datasheet
486Kb / 15P
   Compact Sensor Offers Long Sensing Distance and Superior Noise-Immunity
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
   Superior moisture performance
SON TTELEC-SON Datasheet
572Kb / 4P
   Superior temperature performance
logo
ams AG
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
   High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
logo
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
   Superior and reliable performance in harsh environment.
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
   Superior return loss performance
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
logo
TXC Corporation.
AY-SERIES TXC-AY-SERIES Datasheet
970Kb / 1P
   Superior performance and stringent reliability in harsh environment.
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
   Superior Cross Modulation Performance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com