Electronic Components Datasheet Search |
|
NLV25T-2R7J-PF Datasheet(PDF) 3 Page - TDK Electronics |
|
NLV25T-2R7J-PF Datasheet(HTML) 3 Page - TDK Electronics |
3 / 15 page (3/14) INDUC T O RS 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm • All specifications are subject to change without notice. Inductors for Standard Circuits Wound Ferrite FEATURES Resin mold type wound inductor for standard circuits. 0.01 to 470μH, E-12 Series, wide lineup compatible with J (±5%) tolerance, can be used for applications that need to meet strict L tolerance such as filter circuits. Has excellent inductance temperature characteristics in the operating temperature range. APPLICATION Smart meters, AV equipment, xDSL, electronic devices for communications infrastructure such as mobile base stations, industrial equipment, other Vehicle accessories (car navigation systems, car audio, ETC) PART NUMBER CONSTRUCTION OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT Operating temperature range includes self-temperature rise. The Storage temperature range is for after the circuit board is mounted. Product compatible with RoHS directive Halogen-free Compatible with lead-free solders Overview of the NLV Series NLV 25 T - 010 - J - □□ Series name L×W×H Dimensions Packaging style Inductance Inductance tolerance Internal code (mm) (μH) 25 2.5×2.0×1.8 T Taping 010 0.01 J ±5% PF Compatible with the RoHS Directive, Exemption regulations apply 32 3.2×2.5×2.2 R10 0.1 1R0 1 100 10 EF Compatible with the RoHS Directive 101 100 Type Temperature range Package quantity Individual weight Operating temperature Storage temperature (°C) (°C) (pieces/reel) (mg) NLV25 –40 to +105 –40 to +105 2000 25 NLV32 –40 to +105 –40 to +105 2000 50 RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - NLV25T-2R7J-PF |
|
Similar Description - NLV25T-2R7J-PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |