Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3B-22PA-2DS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # A3B-22PA-2DS
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A3B-22PA-2DS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button A3B-22PA-2DS Datasheet HTML 6Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 7Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 8Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 9Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 10Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 11Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 12Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 13Page - List of Unclassifed Manufacturers A3B-22PA-2DS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
C19
A3 • A4 Series
2mm Pitch Miniature Connector
Part Number
A3B-04D-2C
A3B-06D-2C
A3B-08D-2C
A3B-10D-2C
A3B-12D-2C
A3B-14D-2C
A3B-18D-2C
A3B-20D-2C
A3B-24D-2C
A3B-28D-2C
A3B-44D-2C
CL No.
621-0305-8
621-0306-0
621-0307-3
621-0308-6
621-0309-9
621-0310-8
621-0311-0
621-0312-3
621-0313-6
621-0314-9
621-0330-5
Number of Contacts
A
B
RoHS
4
6
8
10
12
14
18
20
24
28
44
04.0
06.0
08.0
10.0
12.0
14.0
18.0
20.0
24.0
28.0
44.0
02.0
04.0
06.0
08.0
10.0
12.0
16.0
18.0
22.0
26.0
42.0
YES
Part Number
A4B-02S-2C
A4B-03S-2C
A4B-04S-2C
A4B-05S-2C
A4B-06S-2C
A4B-08S-2C
A4B-10S-2C
A4B-12S-2C
A4B-15S-2C
A4B-16S-2C
A4B-18S-2C
CL No.
622-0301-3
622-0302-6
622-0303-9
622-0304-1
622-0305-4
622-0306-7
622-0307-0
622-0308-2
622-0311-7
622-0310-4
622-0309-5
Number of Contacts
A
B
RoHS
2
3
4
5
6
8
10
12
15
16
18
04.0
06.0
08.0
10.0
12.0
16.0
20.0
24.0
30.0
32.0
36.0
02.0
04.0
06.0
08.0
10.0
14.0
18.0
22.0
28.0
30.0
34.0
YES
■Crimping Socket
●A3B-*D-2C
●A4B-*S-2C
Note 1. * indicates the number of contacts.
Note 2. Please order the product per 100 pcs.
Note 3. Use other contacts in combination.
(Example: 50 contacts = 44 contacts + 6 contacts)
Note 1. * indicates the number of contacts.
Note 2. Please, order the product per 100 pcs.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A3B-22PA-2DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3B-22PA-2DS HIROSE-A3B-22PA-2DS Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
A3B-22PA-2DS HIROSE-A3B-22PA-2DS Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3B-22PA-2DS(71) ETC2-A3B-22PA-2DS(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-22PA-2DSA HIROSE-A3B-22PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
A3B-22PA-2DSA HIROSE-A3B-22PA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3B-22PA-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com