Electronic Components Datasheet Search |
|
A20H2008SS6LP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
A20H2008SS6LP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 4 page Spec-00374 E Wall-Mount EnclosurEs Wall-Mount EnclosurEs and accEssoriEs EQUIPMENT PROTECTION SOLUTIONS SUBJECT TO CHANGE WITHOUT NOTICE stainlEss stEEl 1 Spec-00374 e763.422.2211 763.422.2600 stainlEss stEEl Wall-Mount EnclosurEs Wall-Mount EnclosurEs and accEssoriEs continuous HingE WitH claMps, typE 4X inDustry stanDarDs UL 508A Listed; Type 3R, 4, 4X, 12; File No. E61997 cUL Listed per CSA C22.2 No 94; Type 3R, 4, 4X, 12; File No. E61997 NEMA/EEMAC Type 3, 3R, 4, 4X, 12, 13 CSA File No. 42186: Type 4, 4X, 12 IEC 60529, IP66 Meets NEMA Type 3RX requirements application For use in indoor and outdoor corrosive environments that require a water-tight seal, this enclosure’s seamless foam-in-place gasket and screw-down clamps provide a secure seal against contaminants. spEciFications • 14 gauge Type 304 or Type 316L stainless steel bodies and doors • Seams continuously welded and ground smooth • Seamless foam-in-place gasket • Rolled lip around three sides of door • Stainless steel door clamp assembly • Hasp and staple for padlocking • Door removed by pulling stainless steel continuous hinge pin • Data pocket is high-impact thermoplastic • Collar studs provided for mounting optional panels • Exterior hardware on Type 316L stainless steel enclosures matches enclosure material • Bonding provision on door; grounding stud on body FinisH Door, sides, top and bottom have smooth #4 brushed finish. accEssoriEs See also Accessories. Fast-Operating Clamp Assembly Panels for Type 3R, 4, 4X, 12 and 13 Enclosures Junction Box and Wall-Mount Enclosure Swing Out Panel Kit Steel and Stainless Steel Window Kits H2OMIT™ Vent Drains, Type 4X H2OMIT™ Thermoelectric Dehumidifier MoDiFication anD custoMiZation Hoffman excels at modifying and customizing products to your specifications. Contact your local Hoffman sales office or distributor for complete information. Bulletin: A4S Standard Product Catalog Number AxBxC in./mm Stainless Steel Type Steel Panel Conductive Steel Panel Stainless Steel Panel Panel Size D x E in./mm F in./mm Clamps Qty. Data Pocket A16H1206SSLP 16.00 x 12.00 x 6.00 406 x 305 x 152 304 A16P12 A16P12G A16P12SS6 13.00 x 9.00 330 x 229 1.25 32 4 Small A16H1206SS6LP 16.00 x 12.00 x 6.00 406 x 305 x 152 316L A16P12 A16P12G A16P12SS6 13.00 x 9.00 330 x 229 1.25 32 4 Small A16H1606SSLP 16.00 x 16.00 x 6.00 406 x 406 x 152 304 A16P16 A16P16G A16P16SS6 13.00 x 13.00 330 x 330 3.00 76 4 Small A16H1606SS6LP 16.00 x 16.00 x 6.00 406 x 406 x 152 316L A16P16 A16P16G A16P16SS6 13.00 x 13.00 330 x 330 3.00 76 4 Small A16H2006SSLP 16.00 x 20.00 x 6.00 406 x 508 x 152 304 A20P16 A20P16G A20P16SS6 17.00 x 13.00 432 x 330 3.00 76 4 Small A16H2006SS6LP 16.00 x 20.00 x 6.00 406 x 508 x 152 316L A20P16 A20P16G A20P16SS6 17.00 x 13.00 432 x 330 3.00 76 4 Small A20H1606SSLP 20.00 x 16.00 x 6.00 508 x 406 x 152 304 A20P16 A20P16G A20P16SS6 17.00 x 13.00 432 x 330 3.00 76 4 Small A20H1606SS6LP 20.00 x 16.00 x 6.00 508 x 406 x 152 316L A20P16 A20P16G A20P16SS6 17.00 x 13.00 432 x 330 3.00 76 4 Small A20H2006SSLP 20.00 x 20.00 x 6.00 508 x 508 x 152 304 A20P20 A20P20G A20P20SS6 17.00 x 17.00 432 x 432 3.00 76 4 Small A20H2006SS6LP 20.00 x 20.00 x 6.00 508 x 508 x 152 316L A20P20 A20P20G A20P20SS6 17.00 x 17.00 432 x 432 3.00 76 4 Small A24H2006SSLP 24.00 x 20.00 x 6.00 610 x 508 x 152 304 A24P20 A24P20G A24P20SS6 21.00 x 17.00 533 x 432 3.00 76 5 Small A24H2006SS6LP 24.00 x 20.00 x 6.00 610 x 508 x 152 316L A24P20 A24P20G A24P20SS6 21.00 x 17.00 533 x 432 3.00 76 5 Small A24H2406SSLP 24.00 x 24.00 x 6.00 610 x 610 x 203 304 A24P24 A24P24G A24P24SS6 21.00 x 21.00 533 x 533 3.00 76 5 Small A24H2406SS6LP 24.00 x 24.00 x 6.00 610 x 610 x 152 316L A24P24 A24P24G A24P24SS6 21.00 x 21.00 533 x 533 3.00 76 5 Small |
Similar Part No. - A20H2008SS6LP |
|
Similar Description - A20H2008SS6LP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |