Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS0005KCU11H Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HS0005KCU11H
Description  SuperH??Family E10A-USB Emulator
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS0005KCU11H Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HS0005KCU11H Datasheet HTML 3Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 4Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 5Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 6Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 7Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 8Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 9Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 10Page - Renesas Technology Corp HS0005KCU11H Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
SuperH
™ Family E10A-USB Emulator
Section 1 Connecting the Emulator with the User System
R20UT2166EJ0200 Rev.2.00
Page 3 of 48
Aug 09, 2012
1.2
Connecting the Emulator with the User System
To connect the E10A-USB emulator (hereinafter referred to as the emulator), the H-UDI port
connector must be installed on the user system to connect the user system interface cable. When
designing the user system, refer to an example of recommended connection between the connector
and the MPU shown in this manual. In addition, read the E10A-USB emulator user's manual and
hardware manual for the related device.
Table 1.2 shows the type number of the emulator, the corresponding connector type, and the use of
AUD function.
Table 1.2 Type Number, AUD Function, and Connector Type
Type Number
Connector
AUD Function
HS0005KCU02H
36-pin connector
Available
HS0005KCU01H, HS0005KCU02H
14-pin connector
Not available
The H-UDI port connector has the 36-pin and 14-pin types as described below. Use them
according to the purpose of the usage.
1. 36-pin type (with AUD function)
The AUD trace function is supported. A large amount of trace information can be acquired in
realtime. The window trace function is also supported for acquiring memory access in the
specified range (memory access address or memory access data) by tracing.
2. 14-pin type (without AUD function)
The AUD trace function cannot be used because only the H-UDI function is supported. For
tracing, only the internal trace function is supported. Since the 14-pin type connector is
smaller than the 36-pin type (1/2.5), the area where the connector is installed on the user
system can be reduced.


Similar Part No. - HS0005KCU11H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS0005KCU01H RENESAS-HS0005KCU01H Datasheet
426Kb / 22P
   Renesas Microcomputer Development Environment System
HS0005KCU02H RENESAS-HS0005KCU02H Datasheet
426Kb / 22P
   Renesas Microcomputer Development Environment System
More results

Similar Description - HS0005KCU11H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
E702289_SH7290 RENESAS-E702289_SH7290 Datasheet
1Mb / 252P
   SH7290 E10A Emulator
logo
Mitsubishi Electric Sem...
E702196_SH7750 MITSUBISHI-E702196_SH7750 Datasheet
1Mb / 237P
   Hitachi Microcomputer Development Environment System SH7750 E10A Emulator
logo
Analog Devices
ADZS-HPUSB-ICE AD-ADZS-HPUSB-ICE Datasheet
1Mb / 2P
   Analog Devices USB-Based Emulator and High Performance USB-Based Emulator
logo
Zilog, Inc.
Z86K1500ZEM ZILOG-Z86K1500ZEM Datasheet
14Kb / 3P
   KEYBOARD FAMILY ICEBOX IN-CIRCUIT EMULATOR
Z8917500ZEM ZILOG-Z8917500ZEM Datasheet
16Kb / 4P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR - 175
logo
Maxim Integrated Produc...
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
   Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Zilog, Inc.
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
logo
Renesas Technology Corp
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com