Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2014 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2014
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2014 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2014 Datasheet HTML 1Page - Texas Instruments TSC2014 Datasheet HTML 2Page - Texas Instruments TSC2014 Datasheet HTML 3Page - Texas Instruments TSC2014 Datasheet HTML 4Page - Texas Instruments TSC2014 Datasheet HTML 5Page - Texas Instruments TSC2014 Datasheet HTML 6Page - Texas Instruments TSC2014 Datasheet HTML 7Page - Texas Instruments TSC2014 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PINTDAV
I C
2
Serial
Interface
and
Control
VDD/REF
X+
X-
Y+
Y-
AUX
TEMP
Mux
PENIRQ
DAV
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
RESET
AD0
SCL
SDA
TSC2014
www.ti.com
SBAS522 – SEPTEMBER 2010
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TOUCH SCREEN CONTROLLER with I2C™ Interface
Check for Samples: TSC2014
1
FEATURES
APPLICATIONS
Cellular Phones
23
4-Wire Touch Screen Interface
Portable Instruments
Ratiometric Conversion
MP3 Players, Pagers
Single 1.2V to 3.6V Supply
Multiscreen Touch Control
Preprocessing to Reduce Bus Activity
High-Speed I2C-Compatible Interface
DESCRIPTION
Internal Detection of Screen Touch
The TSC2014 is a very low-power touch screen
Register-Based Programmable:
controller designed to work with power-sensitive,
10-Bit or 12-Bit Resolution
handheld applications that are based on advanced
low-voltage processors. It works with a supply voltage
Sampling Rates
as low as 1.2V, which can be supplied by a
System Timing
single-cell
battery.
It
contains
a
complete,
On-Chip Temperature Measurement
ultralow-power, 12-bit, analog-to-digital (A/D) resistive
touch screen converter, including drivers and the
Touch Pressure Measurement
control logic to measure touch pressure.
Auto Power-Down Control
In addition to these standard features, the TSC2014
Low Power:
offers
preprocessing
of
the
touch
screen
430mW at 1.8V, 50SSPS
measurements to reduce bus loading, thus reducing
320mW at 1.6V, 50SSPS
the consumption of host processor resources that can
then be redirected to more critical functions.
190mW at 1.2V, 50SSPS
58mW at 1.6V, 8.2kSPS Eq. Rate
The TSC2014 supports an I2C serial bus and data
transmission protocol in all three defined modes:
37mW at 1.2V, 8.2kSPS Eq. Rate
standard,
fast,
and
high-speed.
It
offers
Enhanced ESD Protection:
programmable
resolution
of
10
or
12
bits
to
±8kV HBM
accommodate different screen sizes and performance
needs.
±1kV CDM
±25kV Air Gap Discharge
The TSC2014 is available in a miniature, 12-lead,
3 x 4 array, (1.555 ±0.055)mm x (2.055 ±0.055)mm
±11kV Contact Discharge
wafer chip-scale package (WCSP) package. The
1.5 x 2.0 WCSP-12 Package
device is characterized for the –40°C to +85°C
U.S. Patent No. 6,246,394; other patents pending.
industrial temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSC2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014IYZGR TI1-TSC2014IYZGR Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014IYZGT TI1-TSC2014IYZGT Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results

Similar Description - TSC2014

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com