Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS43061 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS43061
Description  Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43061 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS43061 Datasheet HTML 3Page - Texas Instruments TPS43061 Datasheet HTML 4Page - Texas Instruments TPS43061 Datasheet HTML 5Page - Texas Instruments TPS43061 Datasheet HTML 6Page - Texas Instruments TPS43061 Datasheet HTML 7Page - Texas Instruments TPS43061 Datasheet HTML 8Page - Texas Instruments TPS43061 Datasheet HTML 9Page - Texas Instruments TPS43061 Datasheet HTML 10Page - Texas Instruments TPS43061 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TPS43060
TPS43061
www.ti.com
SLVSBP4C – DECEMBER 2012 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS (continued)
VIN = 4.5 to 38 V, TJ = -40ºC to +150ºC, unless otherwise noted. Typical values are at TA = 25ºC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD, SS AND OVP
VFB with respect to Feedback Voltage
PGOOD low threshold
86%
90%
93%
Reference, VFB falling
PGDL
VFB with respect to Feedback Voltage
PGOOD low hysteresis
2%
Reference
VFB with respect to Feedback Voltage
PGOOD high threshold
107%
110%
114%
Reference, VFB rising
PGDH
VFB with respect to Feedback Voltage
PGOOD high hysteresis
2%
Reference
PGDSC
PGOOD sink current
VPGOOD = 0.4 V
1.8
4
mA
PGDLK
PGOOD pin leakage current
VPGOOD = 7 V
100
nA
VIN_PGD Minimum VIN for valid PGOOD
2.5
4.3
V
ISS
Soft-start bias current
VSS = 0 V
5
µA
RSS
Soft-start discharge resistance
250
Ω
VFB with respect to Feedback Voltage
OVP threshold
104%
107%
110%
Reference, VFB rising
VOVP
VFB with respect to Feedback Voltage
OVP hysteresis
2%
Reference
THERMAL SHUTDOWN
TSD
Thermal shutdown set threshold
165
°C
Thyst
Thermal shutdown hysteresis
15
°C
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS43060 TPS43061


Similar Part No. - TPS43061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43061RTER TI-TPS43061RTER Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43061RTET TI-TPS43061RTET Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
More results

Similar Description - TPS43061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com