Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40057 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40057
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40057 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40057 Datasheet HTML 4Page - Texas Instruments TPS40057 Datasheet HTML 5Page - Texas Instruments TPS40057 Datasheet HTML 6Page - Texas Instruments TPS40057 Datasheet HTML 7Page - Texas Instruments TPS40057 Datasheet HTML 8Page - Texas Instruments TPS40057 Datasheet HTML 9Page - Texas Instruments TPS40057 Datasheet HTML 10Page - Texas Instruments TPS40057 Datasheet HTML 11Page - Texas Instruments TPS40057 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
100
0
200
300
400
500
600
200
400
600
800
1000
100
700
300
500
700
900
FEED-FORWARD IMPEDANCE
vs
SWITCHING FREQUENCY
fSW - Switching Frequency - kHz
VIN = 25 V
VIN = 15 V
VIN = 9 V
fSW - Switching Frequency - kHz
SWITCHING FREQUENCY
vs
TIMING RESISTANCE
100
100
0
300
400
600
700
900 1000
300
400
600
500
200
200
500
800
TPS40054
TPS40055
TPS40057
SLUS593H – DECEMBER 2003 – REVISED JULY 2012
www.ti.com
VKFF is the voltage at the KFF pin (typical value is 3.48 V)
(2)
The curve showing the RKFF required for a given switching frequency, fSW, and VUVLO is shown in Figure 3.
For low-input voltage and high duty-cycle applications, the voltage feed-forward may limit the duty cycle
prematurely. This does not occur for most applications. The voltage control loop controls the duty cycle and
regulates the output voltage. For more information on large duty cycle operation, refer to Application Note
(SLUA310), Effect of Programmable UVLO on Maximum Duty Cycle.
Figure 2.
Figure 3.
UVLO OPERATION
The TPS4005x uses variable (user-programmable) UVLO protection. See the Programming the Ramp Generator
section for more information on setting the UVLO voltage. The UVLO circuit holds the soft-start low until the input
voltage has exceeded the user-programmable undervoltage threshold.
The TPS4005x uses the feed-forward pin, KFF, as a user-programmable low-line UVLO detection. This variable
low-line UVLO threshold compares the PWM ramp duration to the oscillator clock period. An undervoltage
condition exists if the TPS4005x receives a clock pulse before the ramp has reached 90% of its full amplitude.
The ramp duration is a function of the ramp slope, which is directly related to the current into the KFF pin. The
KFF current is a function of the input voltage and the resistance from KFF to the input voltage. The KFF resistor
can be referenced to the oscillator frequency as descibed in Equation 2.
The programmable UVLO function uses a three-bit counter to prevent spurious shut-downs or turn-ons due to
spikes or fast line transients. When the counter reaches a total of seven counts in which the ramp duration is
shorter than the clock cycle, a powergood signal is asserted and a soft-start initiated, and the upper and lower
MOSFETS are turned off.
Once the soft-start is initiated, the UVLO circuit must see a total count of seven cycles in which the ramp
duration is longer than the clock cycle before an undervoltage condition is declared. (See Figure 4).
8
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS40054 TPS40055 TPS40057


Similar Part No. - TPS40057

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40057 TI-TPS40057 Datasheet
496Kb / 33P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057 TI-TPS40057 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057 TI-TPS40057 Datasheet
1Mb / 39P
[Old version datasheet]   TPS4005x Wide-Input Synchronous Buck Controller
TPS40057 TI1-TPS40057 Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
TPS40057 TI1-TPS40057 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
More results

Similar Description - TPS40057

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com