Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT5013 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT5013
Description  0.5 AMP, 800 ??900 Volts NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5013 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT5013 Datasheet HTML 1Page - Solid States Devices, Inc SFT5013 Datasheet HTML 2Page - Solid States Devices, Inc SFT5013 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: XN0031J
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT5013 and SFT5014
Series
Case Outline: 4 PIN CLCC (LCC4)
PIN 1: COLLECTOR PIN 2: EMITTER PIN 3: BASE PIN 4: N/C
Case Outline: TO-39 (/39)
PIN 1: EMITTER
PIN 2: BASE
PIN 3: COLLECTOR
Electrical Characteristic
3/
Symbol
Min
Typ
Max
Units
Collector – Emitter Breakdown Voltage
(IC = 200 µADC, RBE = 1 KΩ)
5013
5014
BVCER
800
900
––
––
V
Collector–Base Breakdown Voltage
(IC = 200 µADC)
5013
5014
BVCBO
800
900
––
––
V
Emitter–Base Breakdown Voltage (IE = 50 µADC)
BVEBO
5
11.5
––
V
Collector Cutoff Current
(VCB = 650 V)
(VCB = 700 V)
(VCB = 650 V, TC = 100°C)
(VCB = 700 V, TC = 100°C)
5013
5014
5013
5014
ICBO
––
––
––
––
––
––
––
––
12
12
100
100
µAdc
Emitter Cutoff Current (VEB= 4V)
IEBO
0.001
20
µA
DC Current Gain
4/
(IC = 5 mADC, VCE = 10 VDC)
(IC = 20 mADC, VCE = 10 VDC)
hFE
10
30
60
70
-
180
––
Collector – Emitter Saturation Voltage
4/
(IC = 20 mADC, IB = 5 mADC)
VCE(Sat)
––
0.07
1.6
Vdc
Base – Emitter Saturation Voltage
4/
(IC = 20 mADC, IB = 5 mADC)
VBE(Sat)
––
0.73
1.0
Vdc
Current Gain Bandwidth Product
(IC = 20 mADC, VCE = 10 VDC, f = 20 MHz)
fT
20
30
––
MHz
Output Capacitance
(VCB = 10 VDC, IE = 0 ADC, f = 1.0 MHz)
Cob
––
6.6
30
pF
Delay Time
Rise Time
Storage Time
Fall Time
VCC= 125 VDC,
IC= 100 mADC,
IB1= 20 mADC,
IB2= 20 mADC
td
tr
ts
tf
––
––
––
––
50
200
2200
400
200
1200
3000
800
nsec


Similar Part No. - SFT5013

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5013-39 SSDI-SFT5013-39 Datasheet
135Kb / 2P
   NPN Transistor
SFT5013-4 SSDI-SFT5013-4 Datasheet
30Kb / 2P
   0.5 AMP 800 - 1000 VOLTS NPN TRANSISTOR
SFT5013-4 SSDI-SFT5013-4 Datasheet
135Kb / 2P
   NPN Transistor
SFT5013-4 SSDI-SFT5013-4_1 Datasheet
135Kb / 2P
   NPN Transistor
SFT5013-5 SSDI-SFT5013-5 Datasheet
135Kb / 2P
   NPN Transistor
More results

Similar Description - SFT5013

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
2N5013 SSDI-2N5013 Datasheet
74Kb / 2P
   0.5 AMP 800 - 1000 Volts NPN Transistor
SFT5013-4 SSDI-SFT5013-4 Datasheet
30Kb / 2P
   0.5 AMP 800 - 1000 VOLTS NPN TRANSISTOR
2N5015 SSDI-2N5015_1 Datasheet
128Kb / 2P
   0.5 AMP, 1000 Volts NPN Transistor
SFT6800-59 SSDI-SFT6800-59 Datasheet
105Kb / 2P
   2 AMP 500 VOLTS NPN TRANSISTOR
TR0116C SSDI-TR0116C Datasheet
176Kb / 3P
   800 mA 75 Volts NPN High Speed Transistor
SFT8600-4 SSDI-SFT8600-4 Datasheet
56Kb / 2P
   1 AMP 1000 VOLTS NPN TRANSISTOR
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
   2 AMP 150 VOLTS NPN TRANSISTOR
XN0029E SSDI-XN0029E Datasheet
79Kb / 2P
   2 AMP, 150 Volts NPN Transistor
STX7905 SSDI-STX7905 Datasheet
56Kb / 2P
   1 AMP 600 VOLTS NPN TRANSISTOR
XN0033J SSDI-XN0033J Datasheet
128Kb / 3P
   1 AMP 1000 Volts NPN Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com