Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2597 Datasheet(PDF) 4 Page - NEC

Part # 2SK2597
Description  N-CHANNEL SILICON POWER MOSFET FOR BASE STATION OF 900 MHz BAND CELLULAR PHONE POWER AMPLIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2597 Datasheet(HTML) 4 Page - NEC

  2SK2597 Datasheet HTML 1Page - NEC 2SK2597 Datasheet HTML 2Page - NEC 2SK2597 Datasheet HTML 3Page - NEC 2SK2597 Datasheet HTML 4Page - NEC 2SK2597 Datasheet HTML 5Page - NEC 2SK2597 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK2597
4
ZIN, ZOUT
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
50
60
70
80
90
100
110
120
130
0.1
0.2
0.3
0.4
50
3.0
4.0
5.0
10
20
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8
1.0
RESISTANCE COMPONENT
R
Zo
960
900
820 900
ZIN
820
(MHz)
960 (MHz)
ZOUT
VDD = 30 V, IDQ = 200 mA
× 2, Pin = 40 dBm
f (MHz)
ZIN (
Ω)ZOUT (Ω)
820
6.52 + j5.52
2.34 + j0.91
900
8.86 + j5.49
2.78 + j3.23
960
10.36 + j4.79
2.95 + j3.37


Similar Part No. - 2SK2597

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2597 RENESAS-2SK2597 Datasheet
224Kb / 8P
   SILICON POWER MOS FIELD EFFECT TRANSISTOR
1995
More results

Similar Description - 2SK2597

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
   RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
logo
STMicroelectronics
SD4590 STMICROELECTRONICS-SD4590 Datasheet
114Kb / 8P
   RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
logo
Rohm
BH6038KN ROHM-BH6038KN Datasheet
404Kb / 6P
   Power Management for Cellular Phone
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Advanced Power Technolo...
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
logo
Texas Instruments
LP3923 TI1-LP3923_15 Datasheet
1Mb / 37P
[Old version datasheet]   Cellular Phone Power Management Unit
logo
STMicroelectronics
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
   RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
logo
National Semiconductor ...
LP3941A NSC-LP3941A Datasheet
779Kb / 32P
   Cellular Phone Power Management Unit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com