Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH2100 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH2100
Description  50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH2100 Datasheet(HTML) 4 Page - Texas Instruments

  LMH2100_14 Datasheet HTML 1Page - Texas Instruments LMH2100_14 Datasheet HTML 2Page - Texas Instruments LMH2100_14 Datasheet HTML 3Page - Texas Instruments LMH2100_14 Datasheet HTML 4Page - Texas Instruments LMH2100_14 Datasheet HTML 5Page - Texas Instruments LMH2100_14 Datasheet HTML 6Page - Texas Instruments LMH2100_14 Datasheet HTML 7Page - Texas Instruments LMH2100_14 Datasheet HTML 8Page - Texas Instruments LMH2100_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
LMH2100
SNWS020A – NOVEMBER 2007 – REVISED MARCH 2008
www.ti.com
2.7 V DC and AC Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured at TA = 25°C, VDD = 2.7V, RF input frequency f = 1855 MHz CW
(Continuous Wave, unmodulated). Boldface limits apply at the temperature extremes
(1).
Symbol
Parameter
Condition
Min
Typ
Max
Units
(2)
(3)
(2)
VOUT,MIN
Minimum Output Voltage
No input signal
207
266
324
mV
(Pedestal)
173
365
ΔVOUT
Output Voltage Range
f = 50 MHz
1.38
1.44
1.49
PIN from −45 dBm to −5 dBm
f = 900 MHz
1.34
1.43
1.46
(4)
f = 1855 MHz
1.27
1.32
1.36
f = 2500 MHz
1.19
1.23
1.27
V
f = 3000 MHz
1.11
1.16
1.19
f = 3500 MHz
1.00
1.05
1.10
f = 4000 MHz
0.91
0.97
1.01
KSLOPE
Logarithmic Slope
f = 50 MHz
39.6
40.9
42.1
(4)
f = 900 MHz
37.0
38.2
39.4
f = 1855 MHz
34.5
35.5
36.5
f = 2500 MHz
32.7
33.7
34.6
mV/dB
f = 3000 MHz
31.1
32.1
33.1
f = 3500 MHz
29.7
30.7
31.6
f = 4000 MHz
28.5
29.4
30.3
PINT
Logarithmic Intercept
f = 50 MHz
–50.2
−49.5
–48.8
(4)
f = 900 MHz
–53.6
−52.7
–51.8
f = 1855 MHz
–53.2
−52.3
–51.4
f = 2500 MHz
–52.4
−51.2
–50.1
dBm
f = 3000 MHz
–51.2
−50.1
–48.9
f = 3500 MHz
–49.1
−47.8
–46.4
f = 4000 MHz
–47.3
−46.1
–44.9
tON
Turn-On Time
No signal at PIN, Low-High transition EN.
8.2
9.8
µs
VOUT to 90%
12.0
tR
Rise Time (5)
PIN = No signal to 0 dBm, VOUT from
2
12
µs
10% to 90%
tF
Fall Time (5)
PIN = 0 dBm to no signal, VOUT from
2
12
µs
90% to 10%
en
Output Referred Noise
PIN = −10 dBm, at 10 kHz
1.5
µV/
√Hz
(5)
vN
Output Referred Noise
Integrated over frequency band
100
150
µVRMS
(6)
1 kHz - 6.5 kHz
PSRR
Power Supply Rejection Ratio (5)
PIN = −10 dBm, f = 1800 MHz
55
60
dB
(5)
This parameter is ensured by design and/or characterization and is not tested in production.
(6)
All limits are ensured by design and measurements which are performed on a limited number of samples. Limits represent the mean
±3–sigma values. The typical value represents the statistical mean value.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LMH2100


Similar Part No. - LMH2100_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH2100TM NSC-LMH2100TM Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100TM/NOPB TI1-LMH2100TM/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100TMX NSC-LMH2100TMX Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMH2100TMX/NOPB TI1-LMH2100TMX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
More results

Similar Description - LMH2100_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMH2100 NSC-LMH2100 Datasheet
1Mb / 32P
   50 MHz to 4 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV221 TI1-LMV221_14 Datasheet
2Mb / 41P
[Old version datasheet]   50 MHz to 3.5 GHz 40 dB Logarithmic Power Detector for CDMA and WCDMA
LMV221 TI1-LMV221_16 Datasheet
2Mb / 48P
[Old version datasheet]   LMV221 50-MHz to 3.5-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
logo
Analog Devices
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com