Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V4NSY1UL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # V4NSY1UL
Description  Snap-action Microswitches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NSY1UL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  V4NSY1UL Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NSY1UL Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NSY1UL Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NSY1UL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.saia-burgess.com
saia-burgess Switches
50 | 51
V4N
Snap-action Microswitches
Subminiature
V4N
Characteristics
Peg mounting option
Solder terminals
2.8 mm faston (quick connect) terminals
PCB terminals
Sealed (IP 67) / unsealed (IP 40)
Pre-wired option
Snap-on terminal covers
Dimensions (mm)
V4N
20
i 10,3 i 6,4
V4NS
20
i 16,6 i 6.4
Actuator
Plunger, plain lever, roller lever
Approvals
UL, CSA and ENEC
Preferred Range
Ordering Reference Actuating Force
Sealing
Operating pos.
Terminal
Circuit
Actuator
Contacts
Electrical rating
(N)
(ozf)
(mm)
(in)
V4NT7UL 1,40
5,0
IP40
8,40
0,33
Solder
CO
Plain plunger
Silver
250 VAC, 5 A
V4NST7UL 2,50
9,0
IP67
8,40
0,33
Solder
CO
Plain plunger
Silver
250 VAC, 5 A
V4NSUL 2,50
9,0
IP67
8,40
0,33
Pre-wired
CO
Plain plunger
Silver
250 VAC, 5 A
V4NT7Y1UL 0,50
1,8
IP40
10,7
0,42
Solder
CO
Straight lever
Silver
250 VAC, 5 A
V4NST7Y1UL 0,90
3,2
IP67
10,6
0,42
Solder
CO
Straight lever
Silver
250 VAC, 5 A
V4NSY1UL 0,90
3,2
IP67
10,6
0,42
Pre-wired
CO
Straight lever
Silver
250 VAC, 5 A
V4NT7YRUL 0,50
1,8
IP40
15,7
0,62
Solder
CO
Roller lever
Silver
250 VAC, 5 A
V4NST7YRUL 0,90
3,2
IP67
15,6
0,62
Solder
CO
Roller lever
Silver
250 VAC, 5 A
V4NSYRUL 0,90
3,2
IP67
15,6
0,62
Pre-wired
CO
Roller lever
Silver
250 VAC, 5 A
40621_Inhalt_050
14.10.2004
7:56 Uhr
Seite 50


Similar Part No. - V4NSY1UL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V4NSY1UL ETC2-V4NSY1UL Datasheet
371Kb / 4P
   Preferred Range
V4NSY1UL ETC2-V4NSY1UL Datasheet
125Kb / 4P
   sealed (IP67)
More results

Similar Description - V4NSY1UL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
   SNAP-ACTION MICROSWITCHES
F5T8UL ETC2-F5T8UL Datasheet
1Mb / 3P
   Snap-action Microswitches
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
   Snap-action Microswitches
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com