Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V4NT9UL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V4NT9UL
Description  sealed (IP67)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NT9UL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V4NT9UL Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NT9UL Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NT9UL Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NT9UL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30
www.saia-switch.com
Saia microswitches
info@saia-switch.com
V4N
Operating Characteristics
Actuating
Release
Free
Operating
Movement
Actuator
Reference
Force
Force
Position
Position
Differential
Maximum
Minimum
Maximum
Maximum
(N)
(ozf)
(N)
(ozf)
(mm)
(in)
(mm)
(in)
(mm)
(in)
Plunger
V4NT7UL
1,4
5,00
0,28
1,00
9,2
0,36
8,4 ± 0.3
0,33 ± 0.012
0,1
0,004
V4NST7UL
2,5
9,00
0,30
1,00
9,2
0,36
8,4 ± 0.3
0,33 ± 0.012
0,1
0,004
V4NSUL
2,5
9,00
0,3
1,00
9,2
0,36
8,4 ± 0.3
0,33 ± 0.012
0,1
0,004
Y1 lever
V4NT7Y1UL
0,5
1,80
0,07
0,25
13,2
0,52
10,7 ± 1.0
0,42 ± 0.04
0,4
0,016
V4NST7Y1UL
0,9
3,20
0,07
0,25
13,2
0,52
10,6 ± 1.2
0,42 ± 0.05
0,4
0,016
V4NSY1UL
0,9
3,20
0,07
0,25
13,2
0,52
10,6 ± 1.2
0,42 ± 0.05
0,4
0,016
Width of lever 4.0 mm/0.16 in
YC lever
V4NT7YCUL
0,5
1,80
0,07
0,25
17,8
0,70
15,7 ± 1.0
0,62 ± 0.04
0,4
0,016
V4NST7YCUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1.2
0,61 ± 0.05
0,4
0,016
V4NSYCUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1.2
0,61 ± 0.05
0,4
0,016
Width of lever 4.0 mm/0.16 in
YR lever
V4NT7YRUL
0,5
1,80
0,07
0,25
17,8
0,70
15,7 ± 1.0
0,62 ± 0.04
0,4
0,016
V4NST7YRUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1.2
0,61 ± 0.05
0,4
0,016
V4NSYRUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1.2
0,61 ± 0.05
0,4
0,016
Width of lever 4.0 mm/0.16 in
Over travel: Plunger can be depressed flush with housing. The housing should not be used as an end stop.
[0.09]
Ø2.3
18.0
[0.7
1]


Similar Part No. - V4NT9UL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V4NT7UL ETC2-V4NT7UL Datasheet
105Kb / 4P
   Snap-action Microswitches
V4NT7Y1UL ETC2-V4NT7Y1UL Datasheet
105Kb / 4P
   Snap-action Microswitches
V4NT7YRUL ETC2-V4NT7YRUL Datasheet
105Kb / 4P
   Snap-action Microswitches
More results

Similar Description - V4NT9UL

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
511-501-2112 MARL-511-501-2112_15 Datasheet
432Kb / 5P
   Sealed to IP67
533-105-6307 MARL-533-105-6307_15 Datasheet
255Kb / 4P
   Sealed to IP67
603-301-04 MARL-603-301-04_15 Datasheet
464Kb / 4P
   Sealed to IP67
514-105-21 MARL-514-105-21_15 Datasheet
373Kb / 4P
   Sealed to IP67
531-501-6312 MARL-531-501-6312_15 Datasheet
317Kb / 5P
   Sealed to IP67
logo
List of Unclassifed Man...
3105C ETC2-3105C Datasheet
628Kb / 1P
   IP67 Sealed Toggle Switches
3305C ETC2-3305C Datasheet
565Kb / 1P
   IP67 Sealed Toggle Switches
3005C ETC2-3005C Datasheet
558Kb / 1P
   IP67 Sealed Toggle Switches
logo
Lorlin Electronics Ltd.
WRL LORLIN-WRL Datasheet
649Kb / 1P
   WRL IP66/IP67 SEALED LOCK SWITCH
CKS LORLIN-CKS Datasheet
955Kb / 4P
   CKS IP66/IP67 SEALED ROTARY SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com