Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPS48-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # NPS48-M
Description  Embedded Power for Business-Critical Continuity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NPS48-M Datasheet(HTML) 1 Page - Emerson Network Power

  NPS48-M Datasheet HTML 1Page - Emerson Network Power NPS48-M Datasheet HTML 2Page - Emerson Network Power NPS48-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 10.30.12_163
NPS40-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
NPS40-M Series
60 Watts
Special Features
•MedicalandITESafetyApprovals
•Universalinput
•Lessthan1Uhigh
•2”x4”footprint
•Remotesense
•Overloadandshortcircuit
protection
•Adjustableoutputvoltage
•Highefficiency
•HighMTBF
•BuiltinEMIfilter
(CISPR22ClassB)
•InternationalEfficiencyLevelV,
EnergyStar2.0&CeCcompliant
(exceptNPS42-M)
•Lessthan300mWno-load
power consumption
•0˚Cto+80˚Coperation
•Inputpower<74watts
•ComplieswithEN61000-3-2
•ClassIapproved
•ClassIIapproved(withClassA
EMI)
•LPX50enclosurekitavailable
•DualACfuses
Total Power:
40-60Watts
Input Voltage:
90-264VAC
127-300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264VAC(widerange)127-300Vdc
Frequency:
47-440Hz
Inrushcurrent:
<50Apeak@230VAC,coldstart@25° C
Inputpower:
<74Watts
Efficiency:
87%average(asperEnergyStar2.0standard)(NPS42-M,80%)
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;EN55022ClassBcon-
ducted,VDE0878PT3ClassBconducted
Safetygroundleakage
current:
275uA@50/60Hz;264VACinput
Output
Maximumpower:
45Wforconvection(NPS42-M,40W).60Wwith200LFMforcedair
(NPS42-M,55W)
Adjustmentrange:
±20%minimum(-10%,+20%forNPS42-M)
Hold-uptime:
10/20ms115/230VACinputline
Overloadprotection:
Shortcircuitprotectiononalloutputs.Caseoverloadprotected@
110-160%ofnormalrating
Overvoltageprotection: 30-50%abovenominaloutput
Remotesense:
Compensatedfor0.5Vleaddropmax.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
•TUV: 60950,60601-1
•UL:
60950,60601-1
•CSA: 60950,60601-1
•NEMKO:60950,60601-1
•CB:
Certificate and report
•CE:
Mark(LVD)
•CQC: Mark


Similar Part No. - NPS48-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NPS48-M ARTESYN-NPS48-M Datasheet
644Kb / 3P
   Total Power: 40 - 60 Watts
logo
Advanced Energy Industr...
NPS48-M ADVANCEDENERGY-NPS48-M Datasheet
619Kb / 5P
   ARTESYN NPS40-M SERIES 40 W
3.27.23
More results

Similar Description - NPS48-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com