Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLFC453232T Datasheet(PDF) 6 Page - TDK Electronics

Part # NLFC453232T
Description  Inductors for Decoupling Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLFC453232T Datasheet(HTML) 6 Page - TDK Electronics

Back Button NLFC453232T Datasheet HTML 2Page - TDK Electronics NLFC453232T Datasheet HTML 3Page - TDK Electronics NLFC453232T Datasheet HTML 4Page - TDK Electronics NLFC453232T Datasheet HTML 5Page - TDK Electronics NLFC453232T Datasheet HTML 6Page - TDK Electronics NLFC453232T Datasheet HTML 7Page - TDK Electronics NLFC453232T Datasheet HTML 8Page - TDK Electronics NLFC453232T Datasheet HTML 9Page - TDK Electronics NLFC453232T Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
(6/15)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_decoupling_nlfv_en.fm
• All specifications are subject to change without notice.
NLFV series 
NLFV25 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
□ : Please specify internal code, PF (compatible with the RoHS Directive, exemption regulations apply) or EF (compatible with the RoHS Directive)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring frequency
(MHz)
DC resistance
(
)±20%
Rated current
(mA)
max.
Part No.
(μH)
Tolerance
1
±20%
7.96
0.07
455
NLFV25T-1R0M-
1.5
±20%
7.96
0.09
350
NLFV25T-1R5M-
2.2
±20%
7.96
0.1
315
NLFV25T-2R2M-
3.3
±20%
7.96
0.2
280
NLFV25T-3R3M-
4.7
±20%
7.96
0.24
210
NLFV25T-4R7M-
6.8
±20%
7.96
0.29
175
NLFV25T-6R8M-
10
±10%
2.52
0.36
155
NLFV25T-100K-
15
±10%
2.52
0.75
130
NLFV25T-150K-
22
±10%
2.52
1
105
NLFV25T-220K-
33
±10%
2.52
1.4
85
NLFV25T-330K-
47
±10%
2.52
1.7
60
NLFV25T-470K-
68
±10%
2.52
3.3
50
NLFV25T-680K-
100
±10%
0.796
4
40
NLFV25T-101K-
Measurement item
Product No.
Manufacturer
L
4194A+16085A+16093B
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NLFC453232T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFC453232T-100K TDK-NLFC453232T-100K Datasheet
64Kb / 2P
   For Power Line SMD
NLFC453232T-101K TDK-NLFC453232T-101K Datasheet
64Kb / 2P
   For Power Line SMD
NLFC453232T-150K TDK-NLFC453232T-150K Datasheet
64Kb / 2P
   For Power Line SMD
NLFC453232T-151K TDK-NLFC453232T-151K Datasheet
64Kb / 2P
   For Power Line SMD
NLFC453232T-1R0M TDK-NLFC453232T-1R0M Datasheet
64Kb / 2P
   For Power Line SMD
More results

Similar Description - NLFC453232T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
MLZ2012E4R7MT TDK-MLZ2012E4R7MT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com