Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-7934WZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-7934WZ
Description  Four-Channel Pluggable Parallel Fiber Optic Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-7934WZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-7934WZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934WZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Table 1 - Regulatory Compliance
Notes:
24. EMI performance only refers to shielded version (HFBR-7934EWZ and HFBR-7934HEWZ).
25. EMI performance could be improved by connecting the following pads to electrical ground : C9, G7 and H9.
Feature
Test Method
Performance
Electrostatic Discharge
(ESD to the Electrical Pads)
JEDEC Human Body (HBM)
(JESD22-A114-B)
JEDEC Machine Model (MM)
Module > 1000 V
Module > 50 V
Electrostatic Discharge
(ESD to the Connector
Receptacle)
Variation of IEC 61000-4-2
Typically withstand at least 6 kV
(module biased) without damage when the
connector receptacle is contacted by a Human
Body Model probe
Electromagnetic Interfer-
ence (EMI)
FCC Class B
CENELEC EN55022 Class B
(CISPR 22A) VCCI Class 1
Typically pass with 5 dB margin.
(See Notes 24 and 25)
Immunity
Variation of IEC 61000-4-3
Typically show no measurable effect from a 10
V/m field swept from 80 MHz to 1 GHz applied
to the module without a chassis enclosure.
Laser Eye Safety
and Equipment Type
Testing
IEC 60825-1 Amendment 2
CFR 21 Section 1040
IEC AEL & US FDA CDRH Class 1M
CDRH Accession Number: 9720151-22
TUV Bauart License: E2171095.04
Component
Recognition
Underwriters Laboratories and Canadian Stan-
dards Association Joint Component Recogni-
tion for Information Technology Equipment
Including Electrical Business Equipment.
UL File Number: E173874
RoHS Compliance
Less than 1000 ppm of cadmium, lead, mercury,
hexavalent chromium,polybrominated biphe-
nyls, and polybrominated biphenyl ethers.


Similar Part No. - HFBR-7934WZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
More results

Similar Description - HFBR-7934WZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924Z AVAGO-HFBR-7924Z Datasheet
443Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com