Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-7934EWZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-7934EWZ
Description  Four-Channel Pluggable Parallel Fiber Optic Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-7934EWZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-7934EWZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934EWZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934EWZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934EWZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934EWZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934EWZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934EWZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934EWZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-7934EWZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HFBR-7934WZ/EWZ/HWZ/EHWZ
Four-Channel Pluggable Parallel Fiber Optic Transceiver
Data Sheet
Description
The HFBR-7934WZ transceiver is a high performance fiber
optic module for parallel optical data communication
applications. It incorporates 8 independent data chan-
nels (4 for transmit and 4 for receive) operating from 1
to 3.125 Gb/s 8B/10B encoded per channel providing a
cost effective solution for very short reach applications
requiring 12.5 Gb/s aggregate bandwidth. The module
is designed to operate on multimode fiber systems at
a nominal wavelength of 850 nm. It incorporates high
performance, highly reliable, short wavelength optical
devices coupled with proven circuit technology to pro-
vide long life and consistent service.
The HFBR-7934WZ transceiver module incorporates a 4
channel VCSEL (Vertical Cavity Surface Emitting Laser)
array together with a custom 4 channel laser driver
integrated circuit providing IEC-825 and CDRH Class
1M laser eye safety. It also contains a 4 channel PIN
photodiode array coupled with a custom preamplifier
/ post amplifier integrated circuit.
Operating on 3.3 V power supply this module provides
LVTTL/LVCMOS control interfaces and CML compatible
high speed data lines which simplify external circuitry.
The transceiver is housed in MTP®/MPO receptacled pack-
age with integral finned heatsink. Electrical connections
to the device are achieved by means of a pluggable
10x10 connector array.
Features
• RoHS Compliant
• Four Transmit and Four Receive Channels; 1 to 3.125
Gb/s 8B/10B encoded per channel
• Compatible with SONET scrambled and 8B10B en-
coded data formats
• 850 nm VCSEL array source
• Conforms to “POP4” Four-Channel Pluggable Optical
Transceiver Multisource Agreement
• 50/125 µm multimode fiber operation
Distance up to 150 m with
500 MHz.km fiber at 3.125 Gb/s
Distance up to 350 m with
2000 MHz.km fiber at 3.125 Gb/s
• Pluggable package
• Outputs (Tx & Rx) are squelched for loss of signal
• Control I/O is compatible with LVTTL and LVCMOS
• Standard MTP® MPO ribbon fiber connector interface
• Integrated heat sink
• Manufactured in an ISO 9002 certified facility
• Rx Signal Detect
Applications
• Telecom and Datacom Switch/Router Rack-to-Rack
Connections
• Computer Cluster Interconnects
Patent - www.avagotech.com/patents


Similar Part No. - HFBR-7934EWZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934EHZ AVAGO-HFBR-7934EHZ Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934EZ AVAGO-HFBR-7934EZ Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
More results

Similar Description - HFBR-7934EWZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924Z AVAGO-HFBR-7924Z Datasheet
443Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com