Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HTD
Description  CONTACTOR 60 AMP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HTD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HTD Datasheet HTML 1Page - List of Unclassifed Manufacturers HTD Datasheet HTML 2Page - List of Unclassifed Manufacturers HTD Datasheet HTML 3Page - List of Unclassifed Manufacturers HTD Datasheet HTML 4Page - List of Unclassifed Manufacturers HTD Datasheet HTML 5Page - List of Unclassifed Manufacturers HTD Datasheet HTML 6Page - List of Unclassifed Manufacturers HTD Datasheet HTML 7Page - List of Unclassifed Manufacturers HTD Datasheet HTML 8Page - List of Unclassifed Manufacturers HTD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TERMINAL CONFIGURATION AND CIRCUIT DIAGRAMS
SERIES H,HD,HP,HT,HTD,HPT
NOT E : A lthough all configuration and/or terminal type options are available, some combinations may require a setup charge and be subject to minimum
order size.
Date of issue: 01/101
- 64 -
Page 5 of 5
+
B3
B1
C3
C1
X1
X2
C2
B2
TERMINAL TYPE 1
+
-
A2
A1
A3
3 PDT
1
3 PST - N.O.
TERMINAL TYPE 2
-
+
X2
X1
A2
A1
B2
B1
C2
C1
1
+
3 PST - N.O. WITH
SPST - N.O. & SPST - N.C.
AUXILIARY CONTACTS
TERMINAL TYPE 3
+
-
22
23
-
+
X2
12
X1
1
11
A1
C2
B2
C1
A2
B1
+
2
SPST - N.O. AUX.
3 PDT -
WITH
TERMINAL TYPE 4
+
-
-
+
X2
X1
1
A1
A2
A3
B2
B1
C2
B3
C1
11
C3
12
2
+
SPST - N.C. AUX.
3 PDT WITH
TERMINAL TYPE 5
X2
X1
+
-
-
+
A1
A2
A3
B2
B1
C2
B3
C1
23
C3
22
+
2
1
SPST - N.C. DB
WITH 1 PDT AUX.
TERMINAL TYPE 8
+
X2
-
X1
+
A3
1
12
11
13
2
A4
PLEASE CONTACT FACTORY.
CONFIGURATIONS
FOR OTHER VARIATIONS OF TERMINAL
TERMINAL TYPES NOT ILLUSTRATED
IS A GENERAL CATAGORY USED FOR ALL
TERMINAL TYPE 9
MOUNTING STYLE "C" ONLY
SPDT AUX.
3 PDT WITH
TERMINAL TYPE 7
B3
+
-
-
+
X2
X1
1
A3
A1
A2
B2
B1
13
C3
C2
C1
11
12
+
2
SPST - N.O. DM
SPST - N.C. AUX.
WITH SPST - N.O.
TERMINAL TYPE 6
X2
-
X1
+
11
12
1
A1
22
23
2
+
A2
WITH 1PDT AUX.
SPDT - DB/DM
TERMINAL TYPE 10
+
A3
X2
-
X1
+
A1
1
12
11
13
A4
2
A2
3.17
MAX
TERMINAL TYPE 1, 4, 5
TERMINAL TYPE 7
3.17
MAX
STANDARD
COIL
"A","B","C","F"
X2
X1
-
+
+
SUPPRESSED
COIL
"N"
X2
X1
-
+
+
TERMINAL TYPE 2, 3, 6, 8, 10
2.50
MAX
POLARITY INDICATION APPLIES TO D.C. COILS ONLY
NOTE: OTHER AUXILIARY CONTACT FORMS ARE
28 VDC OR 115 VAC
VOLTAGE (SECONDS)
CONTACT BOUNCE AT NOMINAL
AVAILABLE. PLEASE CONTACT FACTORY.
RESISTIVE
LAMP
INDUCTIVE
AUXILIARY CONTACT RATING:
1
2
.004 MAX
5 AMP
1 AMP
3 AMP


Similar Part No. - HTD

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
   Operation High Voltage Rectifier Assemblies
logo
RMT Ltd.
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTD04-127-05D16 RMT-HTD04-127-05D16 Datasheet
1Mb / 5P
   Thermoelectric Solutions
logo
List of Unclassifed Man...
HTD1050-5M-09 ETC-HTD1050-5M-09 Datasheet
70Kb / 3P
   Magnetic Hydraulic Circuit Breaker H Series 1Pole 50Hz/60Hz Instantaneous Delay Handle Type One Per
logo
Electronic devices inc.
HTD15 EDI-HTD15 Datasheet
41Kb / 2P
   Operation High Voltage Rectifier Assemblies
More results

Similar Description - HTD

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
H-X0X LEACH-H-X0X Datasheet
802Kb / 5P
   CONTACTOR 60 AMP
L-X0X LEACH-L-X0X Datasheet
558Kb / 6P
   CONTACTOR 90 AMP
9125 LEACH-9125 Datasheet
809Kb / 8P
   CONTACTOR 50 AMP
Z-X0X LEACH-Z-X0X Datasheet
1Mb / 10P
   POWER CONTACTOR 120 AMP
ZG-X0X LEACH-ZG-X0X Datasheet
1,017Kb / 9P
   POWER CONTACTOR 145 AMP
ZJ-X0X LEACH-ZJ-X0X Datasheet
1Mb / 11P
   POWER CONTACTOR 180 AMP
9207 LEACH-9207 Datasheet
821Kb / 8P
   POWER CONTACTOR 100 AMP
9124 LEACH-9124 Datasheet
613Kb / 6P
   CONTACTOR 3 PST, 50 AMP
logo
Picker Components
PC120 PICKER-PC120 Datasheet
693Kb / 3P
   100 Amp D.C. Power Contactor
logo
Sensata Technologies, I...
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
   400 AMP 800 VDC CONTACTOR
28-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com