Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225687 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 225687
Description  BCS Powerelement Buchse M2,5 rundum
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

225687 Datasheet(HTML) 1 Page - ERNI Electronics

  225687 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M2,5
7
2 x 2,54 = 5,08
Ausführung: Einpresstechnik
A
15.08.12
BCS Powerelement Buchse M2,5
rundum
225687
I
CuZn39Pb3
Sn über Cu - Kontaktstelle von Galvanik sichtbar
Date
Index
5:1
Information:
Tolerances
Scale
All Dimensions
in mm
Designation
Subject to modification without
prior notice.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
www.ERNI.com
Class BCS
A4


Similar Part No. - 225687

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
225680 ERNI-225680 Datasheet
40Kb / 1P
   BCS Powerelement Stift M10 vollfl채chig
225681 ERNI-225681 Datasheet
33Kb / 1P
   BCS Powerelement Buchse M3
225682 ERNI-225682 Datasheet
34Kb / 1P
   BCS Powerelement Buchse M4 vollfl채chig
225683 ERNI-225683 Datasheet
35Kb / 1P
   BCS Powerelement Buchse M5 vollflachig
225684 ERNI-225684 Datasheet
35Kb / 1P
   BCS Powerelement Buchse M6 vollflachig
More results

Similar Description - 225687

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
225691 ERNI-225691 Datasheet
37Kb / 1P
   BCS Powerelement Buchse M8 rundum
225690 ERNI-225690 Datasheet
37Kb / 1P
   BCS Powerelement Buchse M6 rundum
225682 ERNI-225682 Datasheet
34Kb / 1P
   BCS Powerelement Buchse M4 vollfl채chig
225681 ERNI-225681 Datasheet
33Kb / 1P
   BCS Powerelement Buchse M3
225417 ERNI-225417 Datasheet
314Kb / 1P
   ERNI BCS Powerelement Buchse M10
225414 ERNI-225414 Datasheet
306Kb / 1P
   ERNI BCS Powerelement Buchse M5
logo
Wurth Elektronik GmbH &...
7460408 WURTH-7460408 Datasheet
86Kb / 1P
   Powerelement Buchse M5 rundum, 12 Pin
logo
ERNI Electronics
225415 ERNI-225415 Datasheet
307Kb / 1P
   ERNI BCS Powerelement Buchse M6
225684 ERNI-225684 Datasheet
35Kb / 1P
   BCS Powerelement Buchse M6 vollflachig
225685 ERNI-225685 Datasheet
36Kb / 1P
   BCS Powerelement Buchse M8 vollflachig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com