Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP2N35 Datasheet(PDF) 3 Page - New Jersey Semi-Conductor Products, Inc.

Part # MTP2N35
Description  N-Channel Power MOSFETs, 2.25 A, 350-400 V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

MTP2N35 Datasheet(HTML) 3 Page - New Jersey Semi-Conductor Products, Inc.

  MTP2N35 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. MTP2N35 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. MTP2N35 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - MTP2N35

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MTP2N35 FAIRCHILD-MTP2N35 Datasheet
147Kb / 5P
   N-Channel Power MOSFETs, 2.25A, 350-400V
logo
New Jersey Semi-Conduct...
MTP2N35 NJSEMI-MTP2N35 Datasheet
791Kb / 3P
   IRF710-713 MTP2N35/2N40 N-Channel Power MOSFETs
logo
ARTSCHIP ELECTRONICS CO...
MTP2N35 ARTSCHIP-MTP2N35 Datasheet
360Kb / 5P
   N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
MTP2N35 ISC-MTP2N35 Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTP2N35

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF320-323 FAIRCHILD-IRF320-323 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
New Jersey Semi-Conduct...
IRF330 NJSEMI-IRF330 Datasheet
848Kb / 3P
   N-Channel Power MOSFETs, 5.5 A, 350 V/400 V
logo
Fairchild Semiconductor
IRF330-333 FAIRCHILD-IRF330-333 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF710-713 FAIRCHILD-IRF710-713 Datasheet
147Kb / 5P
   N-Channel Power MOSFETs, 2.25A, 350-400V
logo
New Jersey Semi-Conduct...
MTM4N45 NJSEMI-MTM4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Fairchild Semiconductor
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
   N-Channel Power MOSFETs, 14 A, 60 A/100 V
IRF420-423 FAIRCHILD-IRF420-423 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
New Jersey Semi-Conduct...
MTP4N45 NJSEMI-MTP4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Littelfuse
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
   350 V, 20 A N-Channel Ignition IGBT
4/27/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com