Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XHGV-0000 Datasheet(PDF) 1 Page - Ralston Instruments.

Part # XHGV-0000
Description  5000 psi (350 bar) XHGV pump, 1/4" female NPT gauge swivel, 3ft hose, 1/4" MNPT process connection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

XHGV-0000 Datasheet(HTML) 1 Page - Ralston Instruments.

  XHGV-0000_14 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XHGV-0000
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
XHGV-0000
5000 psi (350 bar) XHGV pump, 1/4" female NPT gauge
swivel, 3ft hose, 1/4" MNPT process connection
Pressure source and gauge in one hand.
Directly connect to a process connection and
calibrate using your precision gauge.
Features
• Fine adjustment piston provides an easy way to fine tune
exact pressure
• Vent valve is both durable and precise
• Liquid reservoir holds enough fluid for multiple calibrations
• Marine brass construction resists corrosion and abuse
• Quick-disconnect gauge adapter allows changing gauges
without using a wrench
• Low volume Quick-test hose, gauge adapter and process
connection can be attached to pump without thread sealant
or a wrench
Item Includes
• Hand Pump - XHGV Assembly (XHGV)
• Gauge Adapter - 1/4" Female NPT swivel, brass (SWIV-2FBW)
• Hose - Quick-test 6900 psi hose, brass hose ends, 3 ft (92 cm) long (QTQT-HOS-3ft)
• Hose Adapter - 1/4" male NPT x male Quick-test, no check-valve, brass (QTHA-2MB0)
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
Media
Ralston Calibration Oil, mineral based oil, water
Outlet Port
Male Quick-test outlet port with cap and chain, brass
Temperature Range
0 to 130 °F (-18 to 54 °C)
Construction
Anodized Aluminum, Brass, Plated Steel, Stainless Steel
Seal Materials
Buna-N, Delrin, Synthetic Cork, Teflon
Fine Adjust Resolution
±1.00 psi
Liquid Reservoir
Polycarbonate Liquid reservoir and (2) gaskets
Weight
2.39 lb (1.1 kg)
Dimensions
H: 9.82 in (24.9428 cm) x W: 4.75 in (12.065 cm) x D: 4.75 in (12.065 cm)


Similar Part No. - XHGV-0000_14

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XHGV-0000 RALSTON-XHGV-0000 Datasheet
347Kb / 1P
   5000 psi (350 bar) XHGV pump
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com