Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTQT-HOS-50FT Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTQT-HOS-50FT
Description  Quick-test 6900 psi hose, brass hose ends, 50 ft (15.2 m) long (with hose reel)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTQT-HOS-50FT Datasheet(HTML) 1 Page - Ralston Instruments.

  QTQT-HOS-50FT Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50
Feet
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTQT-HOS-50ft
Quick-test 6900 psi hose, brass hose ends, 50 ft (15.2 m) long (with hose reel)
Microbore hoses that provide a very quick, low volume, high pressure way of connecting
to any pressure instrumentation, hand pump, calibration source or device under test
Features
• Low volume reduces the pumping effort or compressed gas usage in pressure calibration
• No thread sealant required – connect to adapters without wrenches, thread sealant or thread tape
• Bubble tight connections to 6900 psi (475 bar) with no moving parts reduces maintenance to almost zero
• Hose is hard to break and very flexible
• Adapt from hose to virtually any device under test with only one connection
• Silver color dramatically reduces the effect that changing temperature has on pressure stability
• A corrosion resistant strain-relief on each hose end reduces wear and dramatically increases hose life
• Hose is pin-pricked for use in Natural Gas applications
• Made in U.S.A.
Specifications
Length
50 ft
Pressure Range
0 to 6900 psi (0 to 475 bar)
Burst Pressure
27000 psi (1,860 bar)
End 1
Female Quick-test, brass
End 2
Female Quick-test, brass
Temperature range
-40 to 140 °F (-40 to 60 °C)
Outer Diameter
0.2 in (5.1 mm)
Inner Diameter
0.08 in (2.0 mm)
Minimum Bend Radius
1 in (25.4 mm)
Color
Silver
Construction
Polyamide core tube, High tensile synthetic fiber and polyamide outer cover
End materials
Brass
Fluid Media
Air, Inert Gas, Natural Gas, Petroleum Based Oil, Water


Similar Part No. - QTQT-HOS-50FT

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTQT-HOS-50FT RALSTON-QTQT-HOS-50FT Datasheet
334Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 50 ft (15.2 m) long (with hose reel)
QTQT-HOS-50FT RALSTON-QTQT-HOS-50FT_19 Datasheet
334Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 50 ft (15.2 m) long (with hose reel)
More results

Similar Description - QTQT-HOS-50FT

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTQT-HOS-50FT RALSTON-QTQT-HOS-50FT_19 Datasheet
334Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 50 ft (15.2 m) long (with hose reel)
QSQS-HOS-50FT RALSTON-QSQS-HOS-50FT_19 Datasheet
327Kb / 1P
   Quick-test 6900 psi hose, S.S. hose ends, 50 ft (15.2 m) long (with hose reel)
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
263Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 100 ft (30.1 m) long (with hose reel)
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT_19 Datasheet
334Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 100 ft (30.1 m) long (with hose reel)
QTQT-HOS-5FT RALSTON-QTQT-HOS-5FT Datasheet
263Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 5 ft (1.52 m) long
QTQT-HOS-20FT RALSTON-QTQT-HOS-20FT Datasheet
263Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 20 ft (6.10 m) long
QTQT-HOS-1M RALSTON-QTQT-HOS-1M_19 Datasheet
334Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 1 m (3.3 ft) long
QTQT-HOS-5M RALSTON-QTQT-HOS-5M Datasheet
333Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 5 m (16.4 ft) long
QTQT-HOS-1M RALSTON-QTQT-HOS-1M Datasheet
263Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 1 m (3.3 ft) long
QTQT-HOS-6FT RALSTON-QTQT-HOS-6FT_19 Datasheet
334Kb / 1P
   Quick-test 6900 psi hose, brass hose ends, 6 ft (1.83 m) long
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com