Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5088 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5088
Description  Wide Input Range Non-Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5088 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5088 Datasheet HTML 2Page - Texas Instruments LM5088 Datasheet HTML 3Page - Texas Instruments LM5088 Datasheet HTML 4Page - Texas Instruments LM5088 Datasheet HTML 5Page - Texas Instruments LM5088 Datasheet HTML 6Page - Texas Instruments LM5088 Datasheet HTML 7Page - Texas Instruments LM5088 Datasheet HTML 8Page - Texas Instruments LM5088 Datasheet HTML 9Page - Texas Instruments LM5088 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LM5088
SNVS600G – DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
Electrical Characteristics
(1) (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply:
VVIN = 48V, VVCC= 8V, VEN = 5V RRT = 31.6 kΩ, No load on HG.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
HG Fall Time
Cload = 1000 pF
6
ns
IOHH
Peak HG Source Current
VHG = 0V
1.5
A
IOLH
Peak HG Sink Current
VHG = VVCC
2
A
BOOT UVLO
BOOT to SW
3
V
Pre RDS(ON)
Pre-Charge Switch ON- resistance
IVCC = 1 mA
72
Pre-Charge switch ON time
300
ns
THERMAL(3)
TSD
Thermal Shutdown Temperature
Junction Temperature Rising
165
°C
Thermal Shutdown Hysterisis
Junction Temperature Falling
25
°C
θJC
Thermal Resistance
Junction to Case
6
°C /W
θJA
Thermal Resistance
Junction to Ambient
40
°C /W
(3)
For detailed information on soldering plastic HTSSOP packages refer to the Packaging Data Book available from National
Semiconductor Corporation.
6
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM5088


Similar Part No. - LM5088

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI-LM5088 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088-Q1 TI-LM5088-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088-Q1 TI-LM5088-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results

Similar Description - LM5088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com