Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5315PS Datasheet(PDF) 8 Page - Fuji Electric

Part # FA5315PS
Description  Bipolar IC For Switching Power Supply Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5315PS Datasheet(HTML) 8 Page - Fuji Electric

Back Button FA5315PS Datasheet HTML 4Page - Fuji Electric FA5315PS Datasheet HTML 5Page - Fuji Electric FA5315PS Datasheet HTML 6Page - Fuji Electric FA5315PS Datasheet HTML 7Page - Fuji Electric FA5315PS Datasheet HTML 8Page - Fuji Electric FA5315PS Datasheet HTML 9Page - Fuji Electric FA5315PS Datasheet HTML 10Page - Fuji Electric FA5315PS Datasheet HTML 11Page - Fuji Electric FA5315PS Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FA531X series
The detection threshold is -0.17V for FA5314/15 with respect to
ground as shown in Figure 17.
The operation is similar to that of FA5310B/11B/16/17 except
the threshold is minus voltage compared to that which is plus
voltage for FA5310B/11B/16/17.
Figure 18 is a timing chart which illustrates current limiting
operations.
6. Undervoltage lockout circuit
The IC incorporates a circuit which prevents the IC from
malfunctioning when the supply voltage drops. When the
supply voltage is raised from 0V, the IC starts operation with
VCC=VCC ON.
If the supply voltage drops, the IC shuts its output down when
VCC=VCC OFF. When the undervoltage lockout circuit operates,
the CS pin goes low to reset the IC.
7. Output circuit
As shown in Figure 19, the IC's totem-pole output can directly
drive the MOSFET. The OUT pin can source and sink currents
of up to 1.5A or 1.0A.
If IC operation stops when the undervoltage lockout circuit
operates, the gate voltage of the MOSFET goes low and the
MOSFET is shut down.
Fig. 17 Overcurrent limiting circuit for FA5314/15
Fig. 18 Overcurrent timing chart for FA5314/15
Fig. 19 Output circuit
CS pin voltage (3.6V)
DT voltage
FB pin voltage
Oscillator output
OUT pin output
H
L
IS ( – ) pin voltage
Comparator C4
Reference
voltage (– 0.17V)
Bias voltage
OFF
Overcurrent limiting
Minus
detection


Similar Part No. - FA5315PS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5315PS

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
   FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com