Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4570 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4570
Description  Single-Ended Input Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4570 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4570_14 Datasheet HTML 4Page - Texas Instruments LM4570_14 Datasheet HTML 5Page - Texas Instruments LM4570_14 Datasheet HTML 6Page - Texas Instruments LM4570_14 Datasheet HTML 7Page - Texas Instruments LM4570_14 Datasheet HTML 8Page - Texas Instruments LM4570_14 Datasheet HTML 9Page - Texas Instruments LM4570_14 Datasheet HTML 10Page - Texas Instruments LM4570_14 Datasheet HTML 11Page - Texas Instruments LM4570_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
0
50
100
150
200
250
0
1
2
3
4
5
INPUT VOLTAGE (V)
VDD = 5V
LM4570
SNOSAV2B – APRIL 2006 – REVISED JULY 2009
www.ti.com
Figure 20. Power Dissipation vs. Input Voltage
EXPOSED-DAP MOUNTING CONSIDERATIONS
The LM4570 is available in an 8-pin WSON package which features an exposed DAP (die attach paddle). The
exposed DAP provides a direct thermal conduction path between the die and the PCB, improving the thermal
performance by reducing the thermal resistance of the package. Connect the exposed DAP to GND through a
large pad beneath the device, and multiple vias to a large unbroken GND plane. For best thermal performance,
connect the DAP pad to a GND plane on an outside layer of the PCB. Connecting the DAP to a plane on an
inner layer will result in a higher thermal resistance. Ensure efficient thermal conductivity by plugging and tenting
the vias with plating and solder mask, respectively.
POWER SUPPLY BYPASSING
Good power supply bypassing is critical for proper operation. Locate both the REF1 and VDD bypass capacitors
as close to the device as possible. Typical applications employ a regulator with a 10µF tantalum or electrolytic
capacitor and a ceramic bypass capacitor which aid in supply stability. This does not eliminate the need for
bypass capacitors near the LM4570. Place a 1µF ceramic capacitor as close to VDD as possible. Place a 0.1µF
capacitor as close to REF1 as possible. Smaller values of CREF1 may be chosen for decreased turn on times.
SHUTDOWN FUNCTION
The LM4570 features a low power shutdown mode that disables the device and reduces quiescent current
consumption to 0.1µA. Driving /SD Low disables the amplifiers and bias circuitry, and drives VREF1and the
outputs to GND. Connect /SD to VDD for normal operation.
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: LM4570


Similar Part No. - LM4570_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4570LQ NSC-LM4570LQ Datasheet
619Kb / 12P
   Single-Ended Input Motor Driver
More results

Similar Description - LM4570_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4570 NSC-LM4570 Datasheet
619Kb / 12P
   Single-Ended Input Motor Driver
logo
New Japan Radio
NJW4372 NJRC-NJW4372 Datasheet
226Kb / 1P
   Pulse Input Stepper Motor Driver
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Texas Instruments
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
   Single-ended Input and Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com