Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3551 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3551_14 Datasheet HTML 4Page - Texas Instruments LM3551_14 Datasheet HTML 5Page - Texas Instruments LM3551_14 Datasheet HTML 6Page - Texas Instruments LM3551_14 Datasheet HTML 7Page - Texas Instruments LM3551_14 Datasheet HTML 8Page - Texas Instruments LM3551_14 Datasheet HTML 9Page - Texas Instruments LM3551_14 Datasheet HTML 10Page - Texas Instruments LM3551_14 Datasheet HTML 11Page - Texas Instruments LM3551_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM3551, LM3552
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
www.ti.com
Circuit Description
OVERVIEW
The LM3551/2 are high power white LED flash drivers capable of delivering up to 1A of output current. The
devices utilize a highly efficient inductive DC/DC boost converter to achieve the required output voltage. A
current-mode PWM control scheme regulates the output current over a wide input voltage range. Both the
LM3551 and the LM3552 have two low-side load disconnect FET's allowing for a continuous low-power Torch-
mode and a high-power, short duration Flash-mode.
Several application specific safety features are integrated into the LM3551/2 design. A flash timeout circuit is
present on-chip to prevent a failure in the flash LED caused by a timing violation. Over-Voltage Protection
protects the output capacitor, inductor and main power switch in the event of an open circuit condition. Other
safety features include inductor current limit, thermal shutdown, and an undervoltage lockout.
CIRCUIT COMPONENTS
Inductive DC/DC Boost Converter
In order to achieve the output voltages required to power high power white LEDs, the LM3551 and LM3552
utilize a highly efficient inductive DC/DC converter. The boost converter utilizes a current-mode controlled,
constant frequency (1.25MHz.), PWM architecture. This architecture creates a predictable noise spectrum that
allows for easy filtering and low noise. A very low on-resistance power NFET(RDSON = 0.165Ω) and high value
current limit (2.2A typ.) help efficiently provide a high power output (700mA@5V) over the entire lithium-ion
voltage range. The feedback voltage for both the LM3551 and LM3552 is tightly regulated to 1.265V.
SD/EN Pin
The LM3551 and LM3552 provide two different options in regards to turn-on control logic. The LM3551 utilizes a
shutdown pin (SD) that turns on the part when a voltage less than 0.3V is applied. An internal 1.2M
Ω pull-up to
VIN is provided to place the LM3551 into shutdown when no control signal is provided. The LM3552 utilizes a
enable pin (EN) that turns on the part when a voltage greater than 1.2V is applied. An internal 1.2M
Ω pull-down
to GND is provided to place the LM3552 into shutdown when no control signal is provided.
Low-side Load Disconnect FETs
The LM3551 and LM3552 have two low-side load disconnect NFETs (FET-T and FET-F) that provide the
physical mechanism of Torch Mode and Flash Mode. In Torch Mode, FET-T is enabled allowing current to flow
through it. FET-T has an on-resistance of 0.98
Ω and is capable of handling currents up to 200mA. In Flash
Mode, both FET-T and FET-F are enabled. FET-F has an on-resistance of 0.36
Ω and is capable of handling
currents up to 500mA. The total Flash current is equal to the sum total of the current flowing through FET-T and
FET-F. See the CURRENT SET EQUATIONS in the Application Informations section for more information
regarding setting LED current .
In shutdown mode, the LM3551/2 provide a true load disconnect helping to keep the total shutdown current to a
minimum.
Over-Voltage Protection (OVP)
The over voltage protection (OVP) is engaged when a failure mode occurs (FB pin grounded, Flash LED
becomes open or disconnected, etc.). In the event of a failure, OVP prevents the output voltage from exceeding
12.4V (typ). When the OVP level is reached, the switch FET shuts off preventing the output voltage from climbing
higher. Once the FET has shut off, the output will droop at a rate determined by the value of the output capacitor
and current leakage through the OVP pin and any other leakage path. When the output voltage drops to
10.6V(typ), switching will resume. The LM3551 and LM3552 will go back into OVP if the failure is still present
resulting in a pulsed output condition.
NOTE
To disable OVP, ground to OVP pin. CAUTION: The LM3551 and LM3552 may be
damaged if an OVP condition occurs and OVP is disabled.
8
Submit Documentation Feedback
Copyright © 2005–2011, Texas Instruments Incorporated
Product Folder Links: LM3551 LM3552


Similar Part No. - LM3551_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3551SD NSC-LM3551SD Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551SD NSC-LM3551SD Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551SD/NOPB TI1-LM3551SD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3551SDX NSC-LM3551SDX Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551SDX NSC-LM3551SDX Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
More results

Similar Description - LM3551_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
   4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
   1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com