Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA2415ZP-3WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRA2415ZP-3WR2
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRA2415ZP-3WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRA2415ZP-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRA2415ZP-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRA2415ZP-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRA2415ZP-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRA2415ZP-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRA2415ZP-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Converter
WRA_ZP-3WR2 & WRB_ZP-3WR2 Series
2014.04.14-A/3
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
3W,wide input isolated & regulated
DC-DC converter
Patent Protection RoHS
FEATURES
Wide range of input voltage (2:1)
DIP package
Efficiency up to86%
1.5KVDC isolation
Short circuit protection(automatic recovery)
Operating temperature range:-40°C~+85°C
Meet CISPR22/EN55022 CLASS A
Meet
EN60950
The WRA_ZP-3WR2 & WRB_ZP-3WR2 Series are specially designed for applications where a wide range input voltage power supplies are
isolated from the input power supply in a distributed power supply system on a circuit board. For these DC-DC converters, you can reduce
the failure points of design, and save the manpower, material and time cost in developing micro power supply, and also ensure better
quality, stability, safety protection, and reliability for the end products.
These products apply to where:
1) Input voltage range ≤2:1;
2) 1.5KVDC input and output isolation;
3) Output regulated and low ripple noise is required.
In circuits such as industrial control, electric power, communication system power supply, etc.
Selection Guide
Part No.
Input Voltage
(VDC)
Output
Efficiency (%,Typ.)
@Full Load
Max. Capacitive
Load
(μF)
certification
Nominal
(Range)
Max.
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
WRA0505ZP-3WR2
5
(4.5-9)
11
±5
±300/±15
76
2200
--
WRA0512ZP-3WR2
±12
±125/±6
78
1800
WRA0515ZP-3WR2
±15
±100/±5
78
1000
WRB0505ZP-3WR2
5
600/30
74
4700
WRB0512ZP-3WR2
12
250/12
77
2700
WRB0515ZP-3WR2
15
200/10
77
2200
WRA1205ZP-3WR2
12
(9-18)
20
±5
±300/±15
81
2200
WRA1209ZP-3WR2
±9
±166/±8
84
2000
WRA1212ZP-3WR2
±12
±125/±6
84
1800
WRA1215ZP-3WR2
±15
±100/±5
85
1000
WRB1203ZP-3WR2
3.3
909/46
74
4700
WRB1205ZP-3WR2
5
600/30
81
4700
WRB1212ZP-3WR2
12
250/12
83
2700
WRB1215ZP-3WR2
15
200/10
82
2200
WRB1224ZP-3WR2
24
125/6
83
1800
WRA2405ZP-3WR2
24
(18-36)
40
±5
±300/±15
82
2200
WRA2412ZP-3WR2
±12
±125/±6
84
1800
WRA2415ZP-3WR2
±15
±100/±5
84
1000
WRB2403ZP-3WR2
3.3
909/46
78
4700
WRB2405ZP-3WR2
5
600/30
81
4700
CE
WRB2412ZP-3WR2
12
250/12
86
2700
--
WRB2415ZP-3WR2
15
200/10
86
2200
WRB2424ZP-3WR2
24
125/6
85
1800


Similar Part No. - WRA2415ZP-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA2415ZP-3W MORNSUN-WRA2415ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
More results

Similar Description - WRA2415ZP-3WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com