Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVS0603C200ATRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NVS0603C200ATRF
Description  Surface Mount Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVS0603C200ATRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NVS0603C200ATRF Datasheet HTML 1Page - NIC-Components Corp. NVS0603C200ATRF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Transient Voltage Suppressors
NVS Series
FEATURES
• ZINC OXIDE MULTILAYER CONSTRUCTION
• HIGH ENERGY SURGE VOLTAGE PROTECTION
• EIA SIZES 0603, 0805, 1206 AND 1210
• HIGH CURRENT RATING (UP TO 500A)
• FAST RESPONSE (LESS THAN 1nS)
• LOW CLAMPING VOLTAGES
• Pb-FREE COMPATIBLE WITH FLOW AND REFLOW SOLDERING
Multilayer zinc oxide chip varistors are ideal for the suppression of voltage transients due to ESD, inductive discharge and electromagnetic
energy. The NVS series of chip varistors were designed to provide transient protection to new, low voltage semiconductors and to aid in
equipment compliance to CIS/IEC 801 specifications.
CHARACTERISTICS
Energy
A = 0.1J
E = 1.2J
B = 0.3J
F = 1.5J
C = 0.4J
G = 2.0J
D = 0.9J
F
400
A
Working Voltage (Vdc), Breakdown Voltage
(Vdc min.@1mA DC)
A = 3.3V(5.0V) E = 14V(18.5V) I = 48V(62V)
B = 5.6V(8.5V) F = 18V(25.5V) J = 60V(75V)
C = 9.0V(12.7V) G = 26V(34.5V)
D = 12V (16V) H = 30V(41V)
Clamping Voltage
100 = 12V
150 = 15.5V
200 = 20V
250 = 25V
300 = 30V
390 = 39V
400 = 40V
560 = 56V
580 = 58V
620 = 62V
650 = 65V
101 = 100V
121 = 120V
PART NUMBERING SYSTEM
0805
Case Size
0603
0805
1206
1210
NVS
Series
Tape and Reel
TR
RoHS Compliant
F
Specifications
Size
0603
0805
1206
1210
Working Voltage Range
(@50
μA Maximum Leakage Current)
3.3 ~ 30V
3.3 ~ 30V
3.3 ~ 48V
18 ~ 60V
Clamping Voltage Range
(Based on 20 - 10 Amp 8/20
μS Pulse)
10 ~ 65V
10 ~ 65V
10 ~ 100V
39 ~ 120V
Peak Current Rating
(8/20
μS Pulse Waveform)
30A
30 ~ 120A
30 ~ 150A
220 ~ 500A
Maximum Transient Energy Dissipated
(10/1000
μS Pulse Waveform)
0.1J
0.1 ~ 0.3J
0.1 ~ 0.4J
0.9 ~ 1.5J
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NVS0603C200ATRF

ManufacturerPart #DatasheetDescription
logo
Power-One
NVS0.3CH-M6 POWER-ONE-NVS0.3CH-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
NVS0.3CH-M6 POWER-ONE-NVS0.3CH-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
NVS0.3CJ-M6 POWER-ONE-NVS0.3CJ-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
NVS0.3CJ-M6 POWER-ONE-NVS0.3CJ-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
NVS0.3EH-M6 POWER-ONE-NVS0.3EH-M6 Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
More results

Similar Description - NVS0603C200ATRF

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com