Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVX Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NVX
Description  Surface Mount Varistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVX Datasheet(HTML) 4 Page - NIC-Components Corp.

  NVX Datasheet HTML 1Page - NIC-Components Corp. NVX Datasheet HTML 2Page - NIC-Components Corp. NVX Datasheet HTML 3Page - NIC-Components Corp. NVX Datasheet HTML 4Page - NIC-Components Corp. NVX Datasheet HTML 5Page - NIC-Components Corp. NVX Datasheet HTML 6Page - NIC-Components Corp. NVX Datasheet HTML 7Page - NIC-Components Corp. NVX Datasheet HTML 8Page - NIC-Components Corp. NVX Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Max. Working
Voltage <20mA
Varistor
Voltage
@1mA DC
(Volts)
Max. Clamping
Voltage
Rated Single Pulse Transient
Typical Capacitance
@0.5Vrms, 1MHz
(pF)
8/20
μs
(Volts
*1 )
ESD
(Volts
*2)
Energy
10/1000
μs
(Joules)
Peak Current
8/20
μs
(Amps)
VDC
VAC
RMS
NVXE0402_5R5C180TRF
5.5
4.0
10.0 ~ 14.0
18
23
0.005
3.0
18
NVXE0402_5R5C300TRF
5.5
4.0
10.0 ~ 14.0
18
23
0.005
5.0
30
NVXE0402_5R5C500TRF
5.5
4.0
10.0 ~ 14.0
18
23
0.01
10
50
NVXE0402_5R5C800TRF
5.5
4.0
10.0 ~ 14.0
18
23
0.02
10
80
NVXE0402_5R5C101TRF
5.5
4.0
10.0 ~ 14.0
18
23
0.05
20
100
NVXE0402_090C180TRF
9.0
6.4
11.0 ~ 16.0
20
26
0.005
3.0
18
NVXE0402_090C300TRF
9.0
6.4
11.0 ~ 16.0
20
26
0.005
5.0
30
NVXE0402_090C500TRF
9.0
6.4
11.0 ~ 16.0
20
26
0.01
10
50
NVXE0402_090C800TRF
9.0
6.4
11.0 ~ 16.0
20
26
0.02
15
80
NVXE0402_090C101TRF
9.0
6.4
11.0 ~ 16.0
20
26
0.05
20
100
NVXE0402_140C180TRF
14
10
16.0 ~ 22.0
30
39
0.005
3.0
18
NVXE0402_140C300TRF
14
10
16.0 ~ 22.0
30
39
0.01
5.0
30
NVXE0402_140C500TRF
14
10
16.0 ~ 22.0
30
39
0.02
10
50
NVXE0402_140C800TRF
14
10
16.0 ~ 22.0
30
39
0.03
15
80
NVXE0402_140C101TRF
14
10
16.0 ~ 22.0
30
39
0.05
20
100
NVXE0402_180C150TRF
18
12.7
22.0 ~ 28.0
40
48
0.005
2.0
15
NVXE0402_180C180TRF
18
12.7
22.0 ~ 28.0
40
48
0.01
5.0
18
NVXE0402_180C300TRF
18
12.7
22.0 ~ 28.0
40
48
0.02
10
30
NVXE0402_180C500TRF
18
12.7
22.0 ~ 28.0
40
48
0.02
10
50
NVXE0402_180C800TRF
18
12.7
22.0 ~ 28.0
40
48
0.03
15
80
NVXE0402_180C101TRF
18
12.7
22.0 ~ 28.0
40
48
0.05
20
100
NVXE0402_260C180TRF
26
18.4
31.0 ~ 38.0
58
70
0.02
5.0
18
NVXE0402_260C300TRF
26
18.4
31.0 ~ 38.0
58
70
0.03
10
30
NVXE0402_260C500TRF
26
18.4
31.0 ~ 38.0
58
70
0.03
10
50
Surface Mount Varistor
NVX Series
NVXE 0402 SPECIFICATIONS (FOR ESD APPLICATIONS)
"_" = Add Capacitance Tolerance: N = ±30%, Y = +100%/-50%


Similar Part No. - NVX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVX08B800DT1 ONSEMI-NVX08B800DT1 Datasheet
663Kb / 10P
   Automotive Power MOSFET Module
September, 2022 - Rev. 0
NVX08H250DT1 ONSEMI-NVX08H250DT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H300DT1 ONSEMI-NVX08H300DT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H350XT1 ONSEMI-NVX08H350XT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H400XT1 ONSEMI-NVX08H400XT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022-Rev. 0
More results

Similar Description - NVX

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com