Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB1212P-3WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # WRB1212P-3WR2
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB1212P-3WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  WRB1212P-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB1212P-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB1212P-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB1212P-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB1212P-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB1212P-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC/DC Converter
WRA_P- 3WR2 & WRB_P- 3WR2 Series
2014.04.04-A/4
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
WRB2405P-
3WR2
60
65
70
75
80
85
90
95
100
18
21
24
27
30
33
36
40
Input Voltage(V)
Efficiency Vs input Voltage(Full Load)
WRB2405P-
3WR2
20
30
40
50
60
70
80
90
100
10 20 30 4050 6070 8090 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=Vin-nominal)
Design Reference
1. Output load requirements
To ensure that the module can work efficiently and reliably, its output min. load shall be no lower than 5% of the rated load when using, or
the output ripple may increase rapidly. Ensure that the product working load must be higher than 5% of the rated load.
2. Typical application
All the DC/DC converters of this series are tested according to the recommended circuit (see Fig. 2) before delivery.
If it is required to further reduce input and output ripple, properly increase the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the product.
DC
DC
Vin
GND
+Vo
0V
Cin
Cout
Vin
GND
+Vo
0V
Cin
Cout
DC
DC
-Vo
Cout
Dual
Single
Fig. 2
Vin
5V&12V
24V&48V
Cin
100μF10μF~47μF
Cout
10μF
3. EMC solution-recommended circuit
Vin
GND
+Vo
-Vo
(0V)
DCDC
LOAD
C2
LDM1
C0
MOV
FUSE
C1
CY
Vin
GND
+
1
C3
Fig. 3


Similar Part No. - WRB1212P-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRB1212P-3WR2 RSG-WRB1212P-3WR2 Datasheet
617Kb / 6P
   WRBP-3WR2
More results

Similar Description - WRB1212P-3WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com