Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA1212ZP-3WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRA1212ZP-3WR2
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRA1212ZP-3WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRA1212ZP-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRA1212ZP-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRA1212ZP-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRA1212ZP-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRA1212ZP-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRA1212ZP-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
WRA_ZP-3WR2 & WRB_ZP-3WR2 Series
2014.04.14-A/3
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
WRA4805ZP-3WR2
48
(36-75)
80
±5
±300/±15
82
2200
--
WRA4812ZP-3WR2
±12
±125/±6
84
1800
WRA4815ZP-3WR2
±15
±100/±5
85
1000
WRB4803ZP-3WR2
3.3
909/46
76
4700
WRB4805ZP-3WR2
5
600/30
82
4700
WRB4812ZP-3WR2
12
250/12
86
2700
WRB4815ZP-3WR2
15
200/10
86
2200
Note:
. Absolute maximum rating without damage on the converter, but it isn't recommended;
. For dual output converter, the given value is the same for each output.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load /no-load)
5VDC input
--
811/40
--
mA
12VDC input
309/30
24VDC input
155/15
48VDC input
77/5
Reflected Ripple Current
5VDC input
--
20
--
12VDC input
30
24VDC input
30
48VDC input
30
Input impulse Voltage(1sec.max.)
5VDC input
-0.7
--
12
VDC
12VDC input
--
25
24VDC input
--
50
48VDC input
--
100
Starting Voltage
5VDC input
--
--
4.5
12VDC input
--
--
9
24VDC input
--
--
18
48VDC input
--
--
36
Input Filter
Pi filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±3
%
No load output Voltage Accuracy Input voltage range
--
±1.5
±5
Balance of Output Voltage
Dual output, balanced load
--
±0.5
±1
Linear Regulation
Full load, the input voltage is from low voltage to
high voltage
--
±0.2
±0.5
Load Regulation
5%-100% load
--
±0.2
±0.5
Transient Recovery Time
25% load step change
--
0.5
2
ms
Transient Response Deviation
--
±2
±5
%
Temperature Coefficient
Full load
--
±0.02
±0.03
%/°
C
Ripple&Noise*
20MHz bandwidth
--
50
80
mV p-p
Short circuit Protection
Input voltage range
Continuous, self-recovery
Note: * Ripple and noise are measured by “parallel cable” method, please see DC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and the
leak current lower than 1mA
1500
--
--
VDC
Insulation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
MΩ


Similar Part No. - WRA1212ZP-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1212ZP-3W MORNSUN-WRA1212ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
More results

Similar Description - WRA1212ZP-3WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com